Electronic Components Datasheet Search
  English  ▼

X  

MIC4422ACT Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC4422ACT
Description  9A Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC4422ACT Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC4422ACT Datasheet HTML 1Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 2Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 3Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 4Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 5Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 6Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 7Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 8Page - Micrel Semiconductor MIC4422ACT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Micrel, Inc.
MIC4421A/4422A
June 2007
2
M9999-062707
Ordering Information
Part Number
Standard
Pb-Free
Configuration
Temperature Range
Package
MIC4421AAM*
Inverting
–55° to +125°C
8-Pin SOIC
MIC4421ABM
MIC4421AYM
Inverting
–40° to +85°C
8-Pin SOIC
MIC4421ACM
MIC4421AZM
Inverting
0° to +70°C
8-Pin SOIC
MIC4421ABN
MIC4421AYN
Inverting
–40° to +85°C
8-Pin PDIP
MIC4421ACN
MIC4421AZN
Inverting
0° to +70°C
8-Pin PDIP
MIC4421ACT
MIC4421AZT
Inverting
0° to +70°C
5-Pin TO-220
MIC4422AAM*
Non-Inverting
–55° to +125°C
8-Pin SOIC
MIC4422ABM
MIC4422AYM
Non-Inverting
–40° to +85°C
8-Pin SOIC
MIC4422ACM
MIC4422AZM
Non-Inverting
0° to +70°C
8-Pin SOIC
MIC4422ABN
MIC4422AYN
Non-Inverting
–40° to +85°C
8-Pin PDIP
MIC4422ACN
MIC4422AZN
Non-Inverting
0° to +70°C
8-Pin PDIP
MIC4422ACT
MIC4422AZT
Non-Inverting
0° to +70°C
5-Pin TO-220
*
Special order. Contact factory.
Pin Configuration
1
2
3
4
8
7
6
5
VS
OUT
OUT
GND
VS
IN
NC
GND
5 OUT
4 GND
3VS
2 GND
1IN
8-Pin PDIP (N)
8-Pin SOIC (M)
5-Pin TO-220 (T)
Pin Description
Pin Number
DIP, SOIC
Pin Number
TO-220-5
Pin Name
Pin Name
2
1
IN
Control Input.
4, 5
2, 4
GND
Ground: Duplicate pins must be externally connected
together.
1, 8
3, TAB
VS
Supply Input: Duplicate pins must be externally connected
together.
6, 7
5
OUT
Output: Duplicate pins must be externally connected
together.
3
—
NC
Not connected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com