Electronic Components Datasheet Search
  English  ▼

X  

150CLZ Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 150CLZ
Description  Aluminum electrolytic capacitors SMD (Chip) Long life base plate, very low impedance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

150CLZ Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 150CLZ Datasheet HTML 4Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 5Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 6Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 7Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 8Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 9Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 10Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 11Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
2002 Feb 27
10
BCcomponents
Preliminary specification
Aluminum electrolytic capacitors SMD (Chip)
Long life base plate, very low impedance
150 CLZ
Fig.10 Typical impedance as a function of frequency.
UR = 63 V
Curve 1: case code 0810, 47
µF.
Curve 2: case code 1010, 68
µF.
Curve 3: case code 1014, 100
µF.
Tamb =20 °C.
10
5
JW171
10
4
10
3
10
2
10
102
10
1
0.1
0.01
f (Hz)
Z
( )
Ω
1
3
2
RIPPLE CURRENT AND USEFUL LIFE
Table 5
Multiplier of ripple current (IR) as a function of frequency
FREQUENCY
(Hz)
IR MULTIPLIER
UR =6.3 to 25 V
UR =35 V
UR =50 to63V
100
0.70
0.65
0.60
300
0.80
0.80
0.75
1000
0.85
0.85
0.85
3000
0.93
0.93
0.93
10000
0.95
0.95
0.95
30000
0.97
0.97
0.97
100000
1.00
1.00
1.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com