Electronic Components Datasheet Search
  English  ▼

X  

150CLZ Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # 150CLZ
Description  Aluminum electrolytic capacitors SMD (Chip) Long life base plate, very low impedance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

150CLZ Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button 150CLZ Datasheet HTML 4Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 5Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 6Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 7Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 8Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 9Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 10Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 11Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
2002 Feb 27
11
BCcomponents
Preliminary specification
Aluminum electrolytic capacitors SMD (Chip)
Long life base plate, very low impedance
150 CLZ
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
80
90
100
110
MEA240
lifetime multiplier
T
amb
(C)
o
I A
R
I
1)
Fig.11 Multiplier of useful life as a function of ambient temperature and ripple current load.
IA = actual ripple current at 100 kHz.
IR = rated ripple current at 100 kHz, 105 °C.
(1) Useful life at 105
°C and IR applied:
case code
≤1010: 2500 hours;
case code = 1014: 3000 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com