Electronic Components Datasheet Search
  English  ▼

X  

150CLZ Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # 150CLZ
Description  Aluminum electrolytic capacitors SMD (Chip) Long life base plate, very low impedance
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

150CLZ Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button 150CLZ Datasheet HTML 4Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 5Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 6Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 7Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 8Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 9Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 10Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 11Page - List of Unclassifed Manufacturers 150CLZ Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
2002 Feb 27
12
BCcomponents
Preliminary specification
Aluminum electrolytic capacitors SMD (Chip)
Long life base plate, very low impedance
150 CLZ
SPECIFIC TESTS AND REQUIREMENTS
General tests and requirements are specified in data handbook BC01, section “Tests and Requirements”.
Table 6
Test procedures and requirements
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
NAME OF TEST
REFERENCE
Mounting
IEC 60384-18,
subclause 4.3
shall be performed prior to tests
mentioned below;
reflow soldering;
for maximum temperature load
refer to chapter “Mounting”
∆C/C: ±5%
tan
δ≤ spec. limit
IL2 ≤ spec. limit
Endurance
IEC 60384-18/
CECC32300,
subclause 4.15
Tamb = 105 °C; UR applied;
2000 hours
UR =6.3 V; ∆C/C: ±25%
UR ≥ 10 V; ∆C/C: ±20%
tan
δ≤ 2 × spec. limit
IL2 ≤ spec. limit
Useful life
CECC 30301,
subclause 1.8.1
Tamb = 105 °C; UR and IR applied;
case size
≤10 × 10 × 10: 2 500 hours
case size = 10
× 10 × 14: 3 000 hours,
∆C/C: ±50%
tan
δ≤ 3 × spec. limit
IL2 ≤ spec. limit
no short or open circuit
total failure percentage:
≤1%
Shelf life
(storage at high
temperature)
IEC 60384-18/
CECC32300,
subclause 4.17
Tamb = 105 °C; no voltage applied;
1000 hours
after test: UR to be applied for
30 minutes, 24 to 48 hours before
measurement
for requirements
see ‘Endurance test’ above



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com