Electronic Components Datasheet Search
  English  ▼

X  

OPA620 Datasheet(PDF) 4 Page - Texas Instruments

Part # OPA620
Description  OPA620 250MHz, Precision, Rail-to-Rail I/O, CMOS Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA620 Datasheet(HTML) 4 Page - Texas Instruments

  OPA620 Datasheet HTML 1Page - Texas Instruments OPA620 Datasheet HTML 2Page - Texas Instruments OPA620 Datasheet HTML 3Page - Texas Instruments OPA620 Datasheet HTML 4Page - Texas Instruments OPA620 Datasheet HTML 5Page - Texas Instruments OPA620 Datasheet HTML 6Page - Texas Instruments OPA620 Datasheet HTML 7Page - Texas Instruments OPA620 Datasheet HTML 8Page - Texas Instruments OPA620 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
5 Pin Configuration and Functions
IN
+IN
V–
OUT
V+
1
2
3
5
4
Figure 5-1. OPA620: DBV Package, 5-Pin SOT-23 (Top View)
Table 5-1. Pin Functions:
PIN
TYPE
DESCRIPTION
NAME
DBV5
–IN
4
Input
Inverting input
+IN
3
Input
Non-inverting input
OUT
1
Output
Output
V–
2
Power
Negative (lowest) supply
V+
5
Power
Positive (highest) supply
OPA620
SLOSEG2 – APRIL 2026
www.ti.com
4
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: OPA620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com