Electronic Components Datasheet Search
  English  ▼

X  

OPA620 Datasheet(PDF) 7 Page - Texas Instruments

Part # OPA620
Description  OPA620 250MHz, Precision, Rail-to-Rail I/O, CMOS Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA620 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA620 Datasheet HTML 3Page - Texas Instruments OPA620 Datasheet HTML 4Page - Texas Instruments OPA620 Datasheet HTML 5Page - Texas Instruments OPA620 Datasheet HTML 6Page - Texas Instruments OPA620 Datasheet HTML 7Page - Texas Instruments OPA620 Datasheet HTML 8Page - Texas Instruments OPA620 Datasheet HTML 9Page - Texas Instruments OPA620 Datasheet HTML 10Page - Texas Instruments OPA620 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
6.5 Electrical Characteristics (continued)
at TA = 25°C, RF = 0Ω, RL = 1kΩ, and connected to VS/2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OUTPUT
Output voltage swing from supply rails
VS = 5.5V, VID = 0.5V
0.02
0.05
V
VS = 5.5V, TA = –40°C to +125°C, VID =
0.5V
0.1
IO
Output current, single, dual, quad (1) (2)
VS = 5.5V
100
mA
VS = 3V
50
Closed-loop output impedance
f < 100kHz
0.05
Ω
RO
Open-loop output resistance
39
Ω
POWER SUPPLY
IQ
Quiescent current (per amplifier)
TA = 25°C, VS = 5.5V (enabled), IO = 0A
5.1
6.6
mA
TA = –40°C to +125°C
7.9
THERMAL SHUTDOWN: JUNCTION TEMPERATURE
Shutdown
160
℃
Reset from shutdown
140
℃
(1)
See the typical characteristic curves for output voltage swing vs output current.
(2)
Specified by design.
www.ti.com
OPA620
SLOSEG2 – APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: OPA620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com