Electronic Components Datasheet Search
  English  ▼

X  

OPA620 Datasheet(PDF) 8 Page - Texas Instruments

Part # OPA620
Description  OPA620 250MHz, Precision, Rail-to-Rail I/O, CMOS Operational Amplifier
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA620 Datasheet(HTML) 8 Page - Texas Instruments

Back Button OPA620 Datasheet HTML 4Page - Texas Instruments OPA620 Datasheet HTML 5Page - Texas Instruments OPA620 Datasheet HTML 6Page - Texas Instruments OPA620 Datasheet HTML 7Page - Texas Instruments OPA620 Datasheet HTML 8Page - Texas Instruments OPA620 Datasheet HTML 9Page - Texas Instruments OPA620 Datasheet HTML 10Page - Texas Instruments OPA620 Datasheet HTML 11Page - Texas Instruments OPA620 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
6.6 Typical Characteristics
at TA = 25°C, VS = 5V, G = +1, RF = 0Ω, RL = 1kΩ, and connected to VS / 2, unless otherwise noted.
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
1G
G = 1V/V, RF = 25
G = 2V/V, RF = 604
G = 5V/V, RF = 604
G = 10V/V, RF = 604
VO = 0.1Vpp
Figure 6-1. Non-inverting Small- Signal Frequency Response
Frequency (Hz)
-15
-12
-9
-6
-3
0
3
100k
1M
10M
100M
1G
G = −1V/V
G = −2V/V
G = −5V/V
G = −10V/V
RF = 604Ω, VO = 0.1Vpp
Figure 6-2. Inverting Small- Signal Frequency Response
Time (20ns/div)
-0.2
0
0.2
Figure 6-3. Non-inverting Small- Signal Step Response
Time (20ns/div)
-1.5
0
1.5
Figure 6-4. Non-inverting Large- Signal Step Response
Frequency (Hz)
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
100k
1M
10M
100M
1G
G = 1V/V, RF = 25
G = 2V/V, RF = 604
VO = 0.1Vpp
Figure 6-5. 0.1dB Gain Flatness
Output Voltage (VPP)
0
1
2
3
4
-100
-90
-80
-70
-60
-50
HD2
HD3
G = –1V/V, f = 1MHz, RL = 200Ω
Figure 6-6. Harmonic Distortion vs Output Voltage
OPA620
SLOSEG2 – APRIL 2026
www.ti.com
8
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: OPA620



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com