Electronic Components Datasheet Search
  English  ▼

X  

MCD431-20IO2 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # MCD431-20IO2
Description  Thyristor Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MCD431-20IO2 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  MCD431-20IO2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MCD431-20IO2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MCD431-20IO2 Datasheet HTML 3Page - Inchange Semiconductor Company Limited MCD431-20IO2 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ISTM4083
eq MCD431-20io2
Thyristor Modules
www.iscsemi.com
2
ABSOLUTE MAXIMUM RATINGS(TC=25℃ unless otherwise specified)
THERMAL CHARACTERISTICS
ELECTRICAL CHARACTERISTICS (TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VTM
On-state Voltage
IT= 1256A
--
--
1.5
V
VTO
Threshold Voltage
--
--
1.0
V
rT
Slope Resistance
--
--
0.41
mΩ
IDRM
Forward Leakage,Peak
--
--
100
mA
IRRM
Reverse Leakage,Peak
--
--
100
mA
IGT
Gate-Trigger Current
VD= 12V, IT= 3A, TJ= 25℃
--
--
250
mA
SYMBOL
PARAMETER
MIN
TYP
MAX
UNIT
TJ
Virtual Junction Temperature
-40
--
125
℃
TOP
Operation Temperature
-40
--
125
℃
Tstg
Storage Temperature
-40
--
125
℃
VISOL
Isolation Voltage 50Hz, AC RMS
t=1min
3000
--
--
V~
MD
Mounting Torque
5.0
--
7.0
Nm
MT
Terminal Torque
11.0
--
13.0
Nm
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal resistance junction to case
Single Thysistor
0.062
℃
/W
Whole Module
0.031
℃
/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com