Electronic Components Datasheet Search
  English  ▼

X  

MCD431-20IO2 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MCD431-20IO2
Description  Thyristor Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MCD431-20IO2 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MCD431-20IO2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MCD431-20IO2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MCD431-20IO2 Datasheet HTML 3Page - Inchange Semiconductor Company Limited MCD431-20IO2 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ISTM4083
eq MCD431-20io2
Thyristor Modules
www.iscsemi.com
1
FEATURES
· Thyristor For Line Frequency
· Planar Passivated Chip
· Long-term Stability
APPLICATIONS
· DC Motor Control
· AC Power Control
· Power Converter
ABSOLUTE MAXIMUM RATINGS(TC=25℃ unless otherwise specified)
SYMBOL
PARAMETER
VALUE
UNIT
VDRM
Repetitive Peak Off-state Voltage
2000
V
VRRM
Repetitive Peak Reverse Voltage
2000
V
VDSM
Forward Disruptive State Non - Repetitive Peak Voltage
2100
V
VRSM
Reverse Non - Repetitive Peak Voltage
2100
V
IT(AV)M
Average Forward Current
Tc= 85℃
429
A
Tc= 100℃
296
A
IT(RMS)M
RMS Forward Current, Tc= 55℃
1020
A
di/dt
Critical Rate-of-rise of On-state Current(Non-Repetitive)
400
A/us
ITSM
Non-repetitive Peak On-state
Current
t=10ms, VRM= 60%VRRM,
TJ= 125℃
10.9
A*103
t=10ms(60Hz), VRM≤10V,
TJ= 125℃
12.0
I2t
I2t Value for Fusing
t=10ms, VRM= 60%VRRM,
TJ= 125℃
594
A2s*103
t=10ms, VRM≤10V,
TJ= 125℃
720
PGM
Peak Forward Gate Power
30
W
PGAV
Mean Forward Gate Power
4
W


Similar Part No. - MCD431-20IO2

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCD40 IXYS-MCD40 Datasheet
39Kb / 2P
Thyristor/Diode Module
MCD40-12IO6 IXYS-MCD40-12IO6 Datasheet
39Kb / 2P
Thyristor/Diode Module
MCD40-16IO6 IXYS-MCD40-16IO6 Datasheet
39Kb / 2P
Thyristor/Diode Module
MCD40-16IO6 IXYS-MCD40-16IO6 Datasheet
714Kb / 5P
Thyristor Phase leg
MCD44-08IO1B IXYS-MCD44-08IO1B Datasheet
160Kb / 4P
Thyristor Modules Thyristor/Diode Modules
More results

Similar Description - MCD431-20IO2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PSKT96 ETC-PSKT96 Datasheet
99Kb / 2P
THYRISTOR MODULES THYRISTOR/THYRISTOR MODULES
logo
IXYS Corporation
MCC170 IXYS-MCC170 Datasheet
81Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC95 IXYS-MCC95 Datasheet
185Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC26 IXYS-MCC26 Datasheet
165Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC44 IXYS-MCC44 Datasheet
160Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC132 IXYS-MCC132 Datasheet
172Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC224 IXYS-MCC224 Datasheet
99Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC225 IXYS-MCC225 Datasheet
99Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC250 IXYS-MCC250 Datasheet
142Kb / 4P
Thyristor Modules Thyristor/Diode Modules
MCC56 IXYS-MCC56 Datasheet
178Kb / 4P
Thyristor Modules Thyristor/Diode Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com