Electronic Components Datasheet Search
  English  ▼

X  

MCD431-20IO2 Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # MCD431-20IO2
Description  Thyristor Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MCD431-20IO2 Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  MCD431-20IO2 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MCD431-20IO2 Datasheet HTML 2Page - Inchange Semiconductor Company Limited MCD431-20IO2 Datasheet HTML 3Page - Inchange Semiconductor Company Limited MCD431-20IO2 Datasheet HTML 4Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ISTM4083
eq MCD431-20io2
Thyristor Modules
www.iscsemi.com
3
VGT
Gate-Trigger Voltage
VD= 12V, IT= 3A, TJ= 25℃
--
--
2.5
V
VGD
Gate Non-trigger Voltage
VD= 2/3VDRM
0.25
--
--
V
dv/dt
Minimum Critical
dv/dt-Exponential to VDRM
VD= 80%VDRM
1000
--
--
V/us
IL
Latching Current
VD= 12V, TJ= 25℃
--
--
1000
mA
IH
Holding Current
VD= 12V, TJ= 25℃
--
--
300
mA
INTERNAL CIRCUIT:
PACKAGE OUTLINE(UNIT:mm)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com