Electronic Components Datasheet Search
  English  ▼

X  

MSU2052C40 Datasheet(PDF) 17 Page - Mosel Vitelic, Corp

Part # MSU2052C40
Description  low working voltage 16 MHz ROM less MCU
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSU2052C40 Datasheet(HTML) 17 Page - Mosel Vitelic, Corp

Back Button MSU2052C40 Datasheet HTML 13Page - Mosel Vitelic, Corp MSU2052C40 Datasheet HTML 14Page - Mosel Vitelic, Corp MSU2052C40 Datasheet HTML 15Page - Mosel Vitelic, Corp MSU2052C40 Datasheet HTML 16Page - Mosel Vitelic, Corp MSU2052C40 Datasheet HTML 17Page - Mosel Vitelic, Corp MSU2052C40 Datasheet HTML 18Page - Mosel Vitelic, Corp MSU2052C40 Datasheet HTML 19Page - Mosel Vitelic, Corp MSU2052C40 Datasheet HTML 20Page - Mosel Vitelic, Corp MSU2052C40 Datasheet HTML 21Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
17
Rev. 1.0 February 1998
MOSEL VITELIC
MSU2052/U2032
Note:
Dimension D1 and E1 do not include mold
protrustion. Allowance protrusion is 0.25mm per side.
D1 and E1 are maximal plastic body size dimensions
including mold mismatch.
Dimension b does not include dambar protrusion.
Allowance dambar protrusion shall not cause the
lead width to exceed the maximal b dimension by
more than 0.08 mm.
Dambar can not be located on the lower radius or the
foot. Minimal space between protrusion and an
adjacent lead is 0.07 mm for 0.4 mm and 0.5 mm
pitch packages.
44L Low profile Quad Flat Package
1.
2.
3.
E2
E1
E
D2 D1 D
θ
seating plane
C
A2
A1
A
C
L
L1
S
e
b
b
R2
R1
θ3
θ2
01
Gage Plane
0.25 mm
Symbol
A
A1
A2
b
c
D
D1
D2
E
E1
E2
e
L
L1
R1
R2
S
Dimension in Inch
minimal/maximal
- / 0.063
0.002 / 0.006
0.053 / 0.057
0.012 / 0.018
0.004 / 0.008
0.472 BSC
0.393 BSC
0.315
0.472 BSC
0.393 BSC
0.315
0.031 BSC
0.018 / 0.030
0.039 REF
0.003 / -
0.003 / 0.008
Dimension in mm
minimal/maximal
- / 1.60
0.05 / 0.15
1.35 / 1.45
0.30 / 0.45
0.09 / 0.20
12.00 BSC
10.00 BSC
8.00
12.00 BSC
10.00 BSC
8.00
0.80 BSC
0.45 / 0.75
1.00 REF
0.08 / -
0.08 / 0.20
0.20 / -
as left
as left
as left
as left
θ
C
θ
θ
θ
1
2
3
0
° / 7°
0
° / -
11
°/13°
11
°/13°
0.004
0.10
0.008 / -



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com