Electronic Components Datasheet Search
  English  ▼

X  

MSU2052C40 Datasheet(PDF) 20 Page - Mosel Vitelic, Corp

Part # MSU2052C40
Description  low working voltage 16 MHz ROM less MCU
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

MSU2052C40 Datasheet(HTML) 20 Page - Mosel Vitelic, Corp

Back Button MSU2052C40 Datasheet HTML 13Page - Mosel Vitelic, Corp MSU2052C40 Datasheet HTML 14Page - Mosel Vitelic, Corp MSU2052C40 Datasheet HTML 15Page - Mosel Vitelic, Corp MSU2052C40 Datasheet HTML 16Page - Mosel Vitelic, Corp MSU2052C40 Datasheet HTML 17Page - Mosel Vitelic, Corp MSU2052C40 Datasheet HTML 18Page - Mosel Vitelic, Corp MSU2052C40 Datasheet HTML 19Page - Mosel Vitelic, Corp MSU2052C40 Datasheet HTML 20Page - Mosel Vitelic, Corp MSU2052C40 Datasheet HTML 21Page - Mosel Vitelic, Corp  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
20
Rev. 1.0 February 1998
MOSEL VITELIC
MSU2052/U2032
To:
Mosel Vitelic Inc.
886-3-578-4732 (fax#)
Attn: Sales & Marketing Department
Logo Top Marking Request & spec.
We hereby request MVI to have our logo printed on top of the device package. Below is the
specification of our logo in 20:1 scale base. This logo diagram is clear enough and is able to be
shrunk directly to fit into available top marking area described on page.
Phone # :
Company Name :
Signature :
Name (Typed) :
Position Title :
Department, Section :
Signature Date :
Fax # :



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com