Electronic Components Datasheet Search
  English  ▼

X  

TPS737 Datasheet(PDF) 21 Page - Texas Instruments

Part # TPS737
Description  TPS737-Q1 Automotive, 1A Low-Dropout Regulator With Reverse Current Protection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS737 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TPS737 Datasheet HTML 17Page - Texas Instruments TPS737 Datasheet HTML 18Page - Texas Instruments TPS737 Datasheet HTML 19Page - Texas Instruments TPS737 Datasheet HTML 20Page - Texas Instruments TPS737 Datasheet HTML 21Page - Texas Instruments TPS737 Datasheet HTML 22Page - Texas Instruments TPS737 Datasheet HTML 23Page - Texas Instruments TPS737 Datasheet HTML 24Page - Texas Instruments TPS737 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
Power dissipation depends on input voltage and load conditions. Power dissipation (PD) is equal to the product
of the output current multiplied by the voltage drop across the output pass transistor (VIN to VOUT). The following
equation calculates power dissipation (PD).
(
)
D
IN
OUT
OUT
P
V
V
I
=
-
´
(6)
Minimize power dissipation by using the lowest possible input voltage necessary to provide the required output
voltage.
7.4.2 Layout Examples
NR/FB
EN
1
2
3
4
8
7
6
5
GND PLANE
GND PLANE
CIN
COUT
R
1
R
2
C
FF
N/C
N/C
N/C
VOUT
VIN
TPS73601DRB
Figure 7-7. Adjustable Output Voltage Option Layout (DRB Package)
www.ti.com
TPS737-Q1
SBVS123C – DECEMBER 2008 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: TPS737-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com