Electronic Components Datasheet Search
  English  ▼

X  

TPS737 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS737
Description  TPS737-Q1 Automotive, 1A Low-Dropout Regulator With Reverse Current Protection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS737 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS737 Datasheet HTML 8Page - Texas Instruments TPS737 Datasheet HTML 9Page - Texas Instruments TPS737 Datasheet HTML 10Page - Texas Instruments TPS737 Datasheet HTML 11Page - Texas Instruments TPS737 Datasheet HTML 12Page - Texas Instruments TPS737 Datasheet HTML 13Page - Texas Instruments TPS737 Datasheet HTML 14Page - Texas Instruments TPS737 Datasheet HTML 15Page - Texas Instruments TPS737 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 33 page
background image
5.6 Typical Characteristics (continued)
TJ = 25°C, VIN = (VOUT(nom) + 1V), IOUT = 10mA, VEN = 2.2V, COUT = 2.2µF (unless otherwise noted)
10 s/div
m
100mV/div
V
OUT
V
IN
C
=10nF
NR
C
=10 F
OUT
m
4.3V
5.3V
Legacy silicon
Figure 5-37. TPS73733-Q1 Line Transient Response
New silicon
Figure 5-38. TPS73733-Q1 Line Transient Response
100 s/div
m
1V/div
1V/div
2V
0V
V
OUT
V
EN
R =20W
L
C
=10 F
m
OUT
R =20W
L
C
=1 F
m
OUT
Legacy silicon
Figure 5-39. TPS73701-Q1 Turn-On Response
New silicon
Figure 5-40. TPS73701-Q1 Turn-On Response
100 s/div
m
1V/div
1V/div
V
OUT
V
EN
R =20W
L
C
=10 F
m
OUT
2V
0V
R =20W
L
C
=1 F
m
OUT
Legacy silicon
Figure 5-41. TPS73701-Q1 Turn-Off Response
Time (
s)
0
200
400
600
800
1,000
-3
-2
-2
0
-1
2
0
4
1
6
2
8
3
10
4
12
COUT = 0F
COUT = 1F
COUT = 10F
COUT = 100F
VEN
New silicon
Figure 5-42. TPS73701-Q1 Turn-Off Response
TPS737-Q1
SBVS123C – DECEMBER 2008 – REVISED MARCH 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: TPS737-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com