Electronic Components Datasheet Search
  English  ▼

X  

TPS737 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS737
Description  TPS737-Q1 Automotive, 1A Low-Dropout Regulator With Reverse Current Protection
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TPS737 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS737 Datasheet HTML 9Page - Texas Instruments TPS737 Datasheet HTML 10Page - Texas Instruments TPS737 Datasheet HTML 11Page - Texas Instruments TPS737 Datasheet HTML 12Page - Texas Instruments TPS737 Datasheet HTML 13Page - Texas Instruments TPS737 Datasheet HTML 14Page - Texas Instruments TPS737 Datasheet HTML 15Page - Texas Instruments TPS737 Datasheet HTML 16Page - Texas Instruments TPS737 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
5.6 Typical Characteristics (continued)
TJ = 25°C, VIN = (VOUT(nom) + 1V), IOUT = 10mA, VEN = 2.2V, COUT = 2.2µF (unless otherwise noted)
6
5
4
3
2
1
0
-1
-2
50ms/div
V
IN
V
OUT
Legacy silicon
Figure 5-43. TPS73701-Q1, VOUT = 3.3V Power-Up And Power-
Down
New silicon
Figure 5-44. TPS73701-Q1, VOUT = 3.3V Power-Up and Power-
Down
10
1
0.1
0.01
-50
-25
0
25
50
75
100
125
Temperature (°C)
Legacy silicon
Figure 5-45. IENABLE vs Temperature
New silicon
Figure 5-46. IEN vs Temperature
160
140
120
100
80
60
40
20
0
-50
-25
0
25
50
75
100
125
Temperature( C)
°
Legacy silicon
Figure 5-47. TPS73701-Q1 IFB vs Temperature
New silicon
Figure 5-48. TPS73701-Q1 IFB vs Temperature
www.ti.com
TPS737-Q1
SBVS123C – DECEMBER 2008 – REVISED MARCH 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: TPS737-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com