Electronic Components Datasheet Search
  English  ▼

X  

TIP120 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TIP120
Description  Darlington Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TIP120 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TIP120 Datasheet HTML 1Page - List of Unclassifed Manufacturers TIP120 Datasheet HTML 2Page - List of Unclassifed Manufacturers TIP120 Datasheet HTML 3Page - List of Unclassifed Manufacturers TIP120 Datasheet HTML 4Page - List of Unclassifed Manufacturers TIP120 Datasheet HTML 5Page - List of Unclassifed Manufacturers TIP120 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TIP120, 121, 122, 125, 126, 127
Darlington Transistors
Page 4
30/05/05 V1.0
There are two limitations on the power handling ability of a transistor:
average junction temperature and second breakdown safe operating
area curves indicate Ic-VCE limits of the transistor that must not be
subjected to greater dissipation than the curves indicate.
The data of Figure - 6 is based on TJ(PK) = 150°C;Tc is variable
depending on power level. Second breakdown pulse limits are valid for
duty cycles to 10% provided TJ(PK) ≤150°C, At high case
temperatures, thermal limitation will reduce the power that can be
handled to values less than the limitations imposed by second
breakdown.
FIGURE - 7 DC CURRENT GAIN
FIGURE - 8 COLLECTOR SATURATION REGION
FIGURE - 6 ACTIVE REGION SAFE OPERATING AREA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com