Electronic Components Datasheet Search
  English  ▼

X  

TIP120 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TIP120
Description  Darlington Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TIP120 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TIP120 Datasheet HTML 1Page - List of Unclassifed Manufacturers TIP120 Datasheet HTML 2Page - List of Unclassifed Manufacturers TIP120 Datasheet HTML 3Page - List of Unclassifed Manufacturers TIP120 Datasheet HTML 4Page - List of Unclassifed Manufacturers TIP120 Datasheet HTML 5Page - List of Unclassifed Manufacturers TIP120 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TIP120, 121, 122, 125, 126, 127
Darlington Transistors
Page 1
30/05/05 V1.0
Features:
•• Designed for general-purpose amplifier and low speed switching applications.
•• Collector-Emitter sustaining voltage-VCEO(sus) = 60V (Minimum) - TIP120, TIP125
80V (Minimum) - TIP121, TIP126
100V (Minimum) - TIP122, TIP127.
•• Collector-Emitter saturation voltage-VCE(sat) = 2.0V (Maximum) at IC = 3.0A.
•• Monolithic construction with built-in-base-emitter shunt resistors.
Minimum
Maximum
A
14.68
15.31
B
9.78
10.42
C
5.01
6.52
D
13.06
14.62
E
3.57
4.07
F
2.42
3.66
G
1.12
1.36
H
0.72
0.96
I
4.22
4.98
J
1.14
1.38
K
2.20
2.97
L
0.33
0.55
M
2.48
2.98
O
3.70
3.90
Dimensions : Millimetres
Maximum Ratings
Characteristic
Symbol
TIP120
TIP121
TIP122
Unit
TIP125
TIP126
TIP127
Collector-Emitter Voltage
VCEO
60
80
100
V
Collector-Base Voltage
VCBO
Emitter-Base Voltage
VEBO
5.0
Collector Current -Continuous
-Peak
IC
ICM
5.0
8.0
A
Base Current
IB
120
mA
Total Power Dissipation at TC = 25°C
Derate above 25°C
PD
65
0.52
W
W/°C
Operating and Storage Junction
Temperature Range
TJ, TSTG
-65 to +150
°C
Thermal Characteristics
Characteristic
Symbol
Maximum
Unit
Thermal Resistance Junction to Case
R
θjc
1.92
°C/W
Pin 1. Base
2. Collector
3. Emitter
4. Collector (Case)
NPN
PNP
TIP120
TIP 125
TIP121
TIP 126
TIP122
TIP 127
5.0 Ampere
Darlington
Complementary Silicon
Power Transistors
60 - 100 Volts
65 Watts
TO-220


Similar Part No. - TIP120

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP120 MOSPEC-TIP120 Datasheet
206Kb / 4P
POWER TRANSISTORS(5.0A,60-100V,65W)
logo
Motorola, Inc
TIP120 MOTOROLA-TIP120 Datasheet
251Kb / 6P
DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP120 ONSEMI-TIP120 Datasheet
251Kb / 6P
DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 2
logo
Power Innovations Ltd
TIP120 POINN-TIP120 Datasheet
157Kb / 6P
NPN SILICON POWER DARLINGTONS
logo
STMicroelectronics
TIP120 STMICROELECTRONICS-TIP120 Datasheet
53Kb / 4P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Mar-2000
More results

Similar Description - TIP120

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC618 MOTOROLA-BC618 Datasheet
208Kb / 6P
Darlington Transistors
MPSA13 MOTOROLA-MPSA13 Datasheet
225Kb / 6P
Darlington Transistors
logo
ON Semiconductor
2N6426 ONSEMI-2N6426 Datasheet
111Kb / 8P
Darlington Transistors
February, 2001 ??Rev.1
MPSA28 ONSEMI-MPSA28 Datasheet
72Kb / 4P
Darlington Transistors
March, 2001 ??Rev. 1
MMBTA63LT1G ONSEMI-MMBTA63LT1G_09 Datasheet
131Kb / 4P
Darlington Transistors
August, 2009 ??Rev. 4
BC517 ONSEMI-BC517_07 Datasheet
82Kb / 6P
Darlington Transistors
March, 2007 ??Rev. 4
MMBTA63LT1G ONSEMI-MMBTA63LT1G Datasheet
93Kb / 4P
Darlington Transistors
October, 2016 ??Rev. 6
logo
Leshan Radio Company
LMBTA64LT1G LRC-LMBTA64LT1G Datasheet
131Kb / 3P
Darlington Transistors
logo
First Silicon Co., Ltd
MMBT6427 FS-MMBT6427 Datasheet
283Kb / 6P
Darlington Transistors
MMBTA64 FS-MMBTA64 Datasheet
244Kb / 3P
Darlington Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com