Electronic Components Datasheet Search
  English  ▼

X  

TIP120 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # TIP120
Description  Darlington Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TIP120 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  TIP120 Datasheet HTML 1Page - List of Unclassifed Manufacturers TIP120 Datasheet HTML 2Page - List of Unclassifed Manufacturers TIP120 Datasheet HTML 3Page - List of Unclassifed Manufacturers TIP120 Datasheet HTML 4Page - List of Unclassifed Manufacturers TIP120 Datasheet HTML 5Page - List of Unclassifed Manufacturers TIP120 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TIP120, 121, 122, 125, 126, 127
Darlington Transistors
Page 5
30/05/05 V1.0
IC
A
VCEO
(maximum)
V
hFE
minimum
at Ic = 3A
Ptot at
25°C
W
Package
Part Number
NPN
PNP
5
60
1000
65
TO-220
TIP120
TIP125
80
TIP121
TIP126
100
TIP122
TIP127
FIGURE - 9 “ON” VOLTAGES
Specifications



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com