Electronic Components Datasheet Search
  English  ▼

X  

085S Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # 085S
Description  SNAP-IN SINGLE STAGE FILTERED POWER ENTRY MODULE (GENERAL PURPOSE & MEDICAL) WITH SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

085S Datasheet(HTML) 2 Page - Astrodyne Corporation

  085S Datasheet HTML 1Page - Astrodyne Corporation 085S Datasheet HTML 2Page - Astrodyne Corporation 085S Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
085S/085M
SNAP-IN SINGLESTAGEFILTEREDPOWERENTRYMODULE
(GENERALPURPOSE&MEDICAL)WITHSWITCH
2
WWW.ASTRODYNETDI.COM
· (908) 850-5088
085S(M) MECHANICAL OUTLINES (MM)
TYPICAL TOLERANCE: +/-0.02” (0.50MM)
MODEL NO.
RATED CURRENT, A @ 40° C
TERMINAL OPTIONS
MAX. DIMENSIONS” (MM)
(QD)OUTPUT
WIDTH
(LENGTH)
HEIGHT
085S.00100.00
1
1.22’’ (31)
2.79’’ (70.8)
1.85’’ (47)
085SM.00100.00
1
1.22’’ (31)
2.79’’ (70.8)
1.85’’ (47)
085S.00300.00
3
1.22’’ (31)
2.79’’ (70.8)
1.85’’ (47)
085SM.00300.00
3
1.22’’ (31)
2.79’’ (70.8)
1.85’’ (47)
085S.00600.00
6
1.22’’ (31)
2.79’’ (70.8)
1.85’’ (47)
085SM.00600.00
6
1.22’’ (31)
2.79’’ (70.8)
1.85’’ (47)
085S.01000.00
10
1.22’’ (31)
2.79’’ (70.8)
1.85’’ (47)
085SM.01000.00
10
1.22’’ (31)
2.79’’ (70.8)
1.85’’ (47)
085S.01500.00
15
1.22’’ (31)
2.79’’ (70.8)
1.85’’ (47)
085SM.01500.00
15
1.22’’ (31)
2.79’’ (70.8)
1.85’’ (47)
085S.02000.00
20
2.46’’ (62.6)
2.93’’ (74.3)
2.60’ (66.02)
085SM.02000.00
20
2.46’’ (62.6)
2.93’’ (74.3)
2.60’’ (66.02)
SERIES
(A)
B
C
D
E
F
G
H
I
J
K
L
M
QD TABS (1-15A)
2.79''
(70.8)
1.85''
(47)
1.22''
(31)
0.30''
(7.7)
1.94''
(49.2)
1.42''
(37.2)
1.17''
(29.7)
0.19''
(4.9)
0.46''
(11.7)
0.25”
6.3*0.8 Terminal
1.53”
(38.8)
(4*R2)
1.14”
(29)
QD TABS (20A)
2.93''
(74.3)
2.60''
(66.02)
2.46''
(62.6)
0.60''
(15.13)
2.54''
(64.6)
1.35''
(34.2)
2.33''
(59.2)
0.14''
(3.6)
0.45''
(11.4)
0.25”
6.3*0.8 Terminal
2.35”
(59.6)
(4*R2)
1.34”
(34.1)
QD TABS (1-15A)
QD TABS (20A)
SPECIFICATIONS ARE SUBJECT TO CHANGE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com