Electronic Components Datasheet Search
  English  ▼

X  

085S Datasheet(PDF) 3 Page - Astrodyne Corporation

Part # 085S
Description  SNAP-IN SINGLE STAGE FILTERED POWER ENTRY MODULE (GENERAL PURPOSE & MEDICAL) WITH SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

085S Datasheet(HTML) 3 Page - Astrodyne Corporation

  085S Datasheet HTML 1Page - Astrodyne Corporation 085S Datasheet HTML 2Page - Astrodyne Corporation 085S Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
085S/085M
SNAP-IN SINGLESTAGEFILTEREDPOWERENTRYMODULE
(GENERALPURPOSE&MEDICAL)WITHSWITCH
3
WWW.ASTRODYNETDI.COM
· (908) 850-5088
TYPICAL INSERTION LOSS, dB (50/50 Ohm)
085S INSERTION LOSS
085SM INSERTION LOSS
Amps
Freq (MHz)
0.15
0.5
1
10
30
1
CM (dB)
41
55.01
52.28
48.94
38.21
DM (dB)
19.96
34.43
47.43
67.85
60.64
3
CM (dB)
33.45
48.14
51.45
54.9
34.28
DM (dB)
19.64
30.2
39.61
64.75
57.16
6
CM (dB)
23.07
35.8
42.96
59.8
48.4
DM (dB)
19.49
29.72
33.55
59.96
42.37
10
CM (dB)
13.09
25.7
32.94
52.34
47
DM (dB)
19.7
30.55
36.11
72.05
48.87
15
CM (dB)
6.7
19.31
25.43
44.97
40.03
DM (dB)
19.67
30.63
36.57
67.16
47.75
20
CM (dB)
12.09
20.2
25.95
32.19
14.64
DM (dB)
19.54
31.57
42.1
46.63
42.1
Amps
Freq (MHz)
0.15
0.5
1
10
30
1
CM (dB)
40.26
49.79
42.42
19.57
2.9
DM (dB)
20.56
36.01
46.08
69.8
46.1
3
CM (dB)
32.6
43
41.92
19.19
1.24
DM (dB)
19.91
32.73
41.56
53.93
47.94
6
CM (dB)
22.23
30.49
32.96
24.17
13.08
DM (dB)
19.54
30.94
37.81
46.69
43.39
10
CM (dB)
11.98
20.1
22.86
17.75
11.2
DM (dB)
19.65
30.82
37.26
38.67
33.11
15
CM (dB)
6.56
13.91
16.43
11.72
5.03
DM (dB)
19.57
30.72
37.15
37.22
31.16
20
CM (dB)
10.25
13.85
15.15
15.75
9.01
DM (dB)
19.55
30.96
38.15
36.15
35.27
SPECIFICATIONS ARE SUBJECT TO CHANGE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com