Electronic Components Datasheet Search
  English  ▼

X  

085S Datasheet(PDF) 1 Page - Astrodyne Corporation

Part # 085S
Description  SNAP-IN SINGLE STAGE FILTERED POWER ENTRY MODULE (GENERAL PURPOSE & MEDICAL) WITH SWITCH
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

085S Datasheet(HTML) 1 Page - Astrodyne Corporation

  085S Datasheet HTML 1Page - Astrodyne Corporation 085S Datasheet HTML 2Page - Astrodyne Corporation 085S Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ELECTRICAL SCHEMATIC
SPECIFICATIONS
1
WWW.ASTRODYNETDI.COM
· (908) 850-5088
085S/085M
SNAP-IN SINGLESTAGEFILTEREDPOWERENTRYMODULE
(GENERALPURPOSE&MEDICAL)WITHSWITCH
FEATURES
Ĺ Rated currents include 1A, 3A, 6A, 10A, 15A
and 20A
Ĺ ON-OFF Switch
Ĺ Single Stage
Ĺ General Purpose & Low Leakage (M)edical
options
Ĺ Agency Approvals UL and IEC 60939, CSA C22.2
8-13
Ĺ Y-cap value can be adjusted
OPERATING FREQUENCY
50/60Hz
IEC INLET
C14:1-15A, C20:16/20A
MAX. OPERATING VOLTAGE
250VAC +10%
AMBIENT TEMPERATURE
-25 TO 40°C
CLIMATIC CATEGORY
25/100/21
TERMINALS (-T)
0.25”TABS
TYP. WEIGHT, LBS (KG)
0.30 (0.13)
085S
085SM
TYPICAL APPLICATIONS
Household appliances and equipment
Medical equipment
Portable electrical and electronic equipment
Test and measurement/lab equipment
Office automation equipment
TYPICALLEAKAGECURRENT085S
TYPICALLEAKAGECURRENT085M
HIPOTRATINGS
@ 250 VAC 50 Hz
0 - 0.42 mA Max.
@ 120 VAC 60 Hz
0 - 0.23 mA Max.
@ 250 VAC 50 Hz
0 - 10uA Max.
@ 120 VAC 60 Hz
0 - 5uA Max.
LINE TO GROUND
2250 VDC
HOW TO ORDER
085SM.0AA00.00
NOTE: USE ANY COMBINATON OF
M AND AA
E.G.
085S.00100.00 (1A GENERAL PURPOSE VERSION) |
085SM.00301.00 (3A LOW
LEAKAGE MEDICAL VERSION)
AA = RATED CURRENT
M=MEDICAL, BLANK = GENERAL PURPOSE
085S=SERIES
SPECIFICATIONS ARE SUBJECT TO CHANGE


Similar Part No. - 085S

ManufacturerPart #DatasheetDescription
logo
NIKO SEMICONDUCTOR CO.,...
085 NIKOSEM-085 Datasheet
137Kb / 8P
3A Adjustable Low Dropout Linear Regulator (LDO)
logo
Infineon Technologies A...
085 INFINEON-085 Datasheet
311Kb / 18P
Smart Highside High Current Power Switch
2008-Jan-24
logo
ETTINGER GmbH.
085.01.000 ETTINGER-085.01.000 Datasheet
130Kb / 1P
Set cont. 2 screws UNC4-40x3/4" with special label
085.01.002 ETTINGER-085.01.002 Datasheet
72Kb / 1P
Set cont. 2 screws DIN7985Z M3X8 with special label
085.01.435 ETTINGER-085.01.435 Datasheet
72Kb / 1P
Set containing 2 woodscrews and 2 dowels S6
More results

Similar Description - 085S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN281-6-06 ETC2-FN281-6-06 Datasheet
917Kb / 5P
Compact Filtered Power Entry Module
FN9263-3-06 ETC2-FN9263-3-06 Datasheet
421Kb / 3P
General purpose power entry module with mains switch
FN9260-10-06 ETC2-FN9260-10-06 Datasheet
307Kb / 4P
General Purpose Power Entry Module with Fuses
FN9260A-10-06 ETC2-FN9260A-10-06 Datasheet
307Kb / 4P
General Purpose Power Entry Module with Fuses
logo
Schaffner International...
FN-280 SCHAFFNER-FN-280 Datasheet
535Kb / 5P
Compact filtered power entry module
FN-370 SCHAFFNER-FN-370 Datasheet
1Mb / 5P
Versatile Filtered Power Entry Module
FN-380 SCHAFFNER-FN-380 Datasheet
743Kb / 5P
Versatile Filtered Power Entry Module
FN-390 SCHAFFNER-FN-390 Datasheet
619Kb / 5P
Versatile Filtered Power Entry Module
FN-9260 SCHAFFNER-FN-9260 Datasheet
699Kb / 6P
General Purpose Power Entry Module with Fuses
FN-9264 SCHAFFNER-FN-9264 Datasheet
2Mb / 6P
General Purpose Power Entry Module with Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com