Electronic Components Datasheet Search
  English  ▼

X  

DMT4014LDV Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMT4014LDV
Description  40V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT4014LDV Datasheet(HTML) 6 Page - Diodes Incorporated

  DMT4014LDV Datasheet HTML 1Page - Diodes Incorporated DMT4014LDV Datasheet HTML 2Page - Diodes Incorporated DMT4014LDV Datasheet HTML 3Page - Diodes Incorporated DMT4014LDV Datasheet HTML 4Page - Diodes Incorporated DMT4014LDV Datasheet HTML 5Page - Diodes Incorporated DMT4014LDV Datasheet HTML 6Page - Diodes Incorporated DMT4014LDV Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DMT4014LDV
Document number: DS42919 Rev. 2 - 2
6 of 7
www.diodes.com
December 2020
© Diodes Incorporated
DMT4014LDV
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
PowerDI3333-8 (Type UXC)
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
PowerDI3333-8 (Type UXC)
D
E
E1
D1
A
c
L
L
E4
b
e
k
D2
E2
A1
E3
k1
X2
X3
X
Y
C
Y3
Y2
Y1
X1
G
G1
PowerDI3333-8
(Type UXC)
Dim
Min
Max
Typ
A
0.75
0.85
0.80
A1
0.00
0.05
--
b
0.25
0.40
0.32
c
0.10
0.25
0.15
D
3.20
3.40
3.30
D1
2.95
3.15
3.05
D2
0.90
1.30
1.10
E
3.20
3.40
3.30
E1
2.95
3.15
3.05
E2
1.60
2.00
1.80
E3
0.95
1.35
1.15
E4
0.10
0.30
0.20
e


0.65
L
0.30
0.50
0.40
k
0.50
0.90
0.70
k1
0.13
0.53
0.33
a
0
°
12
°
10
°
All Dimensions in mm
Dimensions
Value (in mm)
C
0.650
G
0.230
G1
0.600
X
0.420
X1
1.200
X2
2.370
X3
2.630
Y
0.600
Y1
1.900
Y2
2.400
Y3
3.600



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com