Electronic Components Datasheet Search
  English  ▼

X  

DMT4014LDV Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMT4014LDV
Description  40V N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMT4014LDV Datasheet(HTML) 1 Page - Diodes Incorporated

  DMT4014LDV Datasheet HTML 1Page - Diodes Incorporated DMT4014LDV Datasheet HTML 2Page - Diodes Incorporated DMT4014LDV Datasheet HTML 3Page - Diodes Incorporated DMT4014LDV Datasheet HTML 4Page - Diodes Incorporated DMT4014LDV Datasheet HTML 5Page - Diodes Incorporated DMT4014LDV Datasheet HTML 6Page - Diodes Incorporated DMT4014LDV Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMT4014LDV
Document number: DS42919 Rev. 2 - 2
1 of 7
www.diodes.com
December 2020
© Diodes Incorporated
DMT4014LDV
40V N-CHANNEL ENHANCEMENT MODE MOSFET
PowerDI3333-8
Product Summary
BVDSS
RDS(ON) Max
ID Max
TC = +25°C
40V
19m
Ω @ VGS = 10V
26.5A
29m
Ω @ VGS = 4.5V
21.8A
Description and Applications
This MOSFET is designed to minimize the on-state resistance
(RDS(ON)) yet maintain superior switching performance, making it
ideal for high efficiency power management applications.
Wireless Charging
DC-DC Converters
Power Management
Features and Benefits
100% Unclamped Inductive Switching (UIS) Test in Production
—
Ensures More Reliable and Robust End Application
Low RDS(ON) — Ensures On-State Losses Are Minimized
Low On-Resistance
Low Input Capacitance
Fast Switching Speed
Low Input/Output Leakage
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change control
(i.e. parts qualified to AEC-Q100/101/200, PPAP capable, and
manufactured in IATF 16949 certified facilities), please
contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Case: PowerDI®3333-8
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections Indicator: See Diagram
Terminals: Finish
— Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.072 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMT4014LDV-7
PowerDI3333-8 (Type UXC)
2,000/Tape & Reel
DMT4014LDV-13
PowerDI3333-8 (Type UXC)
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-free "Gre
en” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
PowerDI3333-8 (Type UXC)
T14 = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 20 = 2020)
WW = Week Code (01 to 53)
Internal Schematic
T14
PowerDI is a registered trademark of Diodes Incorporated.
Top View
Bottom View
D1
D1
D2
D2
S1
G1
S2
G2
Pin 1
PowerDI3333-8 (Type UXC)


Similar Part No. - DMT4014LDV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMT4011LFG DIODES-DMT4011LFG Datasheet
455Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMT4011LFG-13 DIODES-DMT4011LFG-13 Datasheet
455Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMT4011LFG-7 DIODES-DMT4011LFG-7 Datasheet
455Kb / 7P
N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMT4011LSS DIODES-DMT4011LSS Datasheet
478Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
January 2019 Rev. 2 - 2
DMT4011LSS-13 DIODES-DMT4011LSS-13 Datasheet
478Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
January 2019 Rev. 2 - 2
More results

Similar Description - DMT4014LDV

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN4036LK3 DIODES-DMN4036LK3 Datasheet
672Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN4036LK3 DIODES-DMN4036LK3_10 Datasheet
651Kb / 8P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32122 Rev. 2 - 2
ZXMN4A06G DIODES-ZXMN4A06G Datasheet
174Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
MAY 2002
ZXMN4A06K DIODES-ZXMN4A06K Datasheet
570Kb / 8P
40V N-channel enhancement mode MOSFET
MARCH 2006
ZXMN4A06G DIODES-ZXMN4A06G_15 Datasheet
676Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
ZXMN4A06GQ DIODES-ZXMN4A06GQ Datasheet
382Kb / 6P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
DMT4002LPS DIODES-DMT4002LPS Datasheet
405Kb / 7P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 2
logo
DONGGUAN YOU FENG WEI E...
YFW25N04S YFWDIODE-YFW25N04S Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD-L YFWDIODE-YFW80N04AD-L Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
YFW80N04AD YFWDIODE-YFW80N04AD Datasheet
1Mb / 5P
40V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev:2021Y1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com