Electronic Components Datasheet Search
  English  ▼

X  

TRF2001 Datasheet(PDF) 4 Page - Texas Instruments

Part # TRF2001
Description  TRF2001 860MHz to 930MHz ISM Band Multiprotocol and Wi-SUN RF FEM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TRF2001 Datasheet(HTML) 4 Page - Texas Instruments

  TRF2001 Datasheet HTML 1Page - Texas Instruments TRF2001 Datasheet HTML 2Page - Texas Instruments TRF2001 Datasheet HTML 3Page - Texas Instruments TRF2001 Datasheet HTML 4Page - Texas Instruments TRF2001 Datasheet HTML 5Page - Texas Instruments TRF2001 Datasheet HTML 6Page - Texas Instruments TRF2001 Datasheet HTML 7Page - Texas Instruments TRF2001 Datasheet HTML 8Page - Texas Instruments TRF2001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
VCC_PA
PA supply voltage
No RF
4.5
V
VCC
VCC pin supply voltage
No RF
4.5
V
Input RF level
ANT, RX mode
10
dBm
TR and PA_IN, TX mode
16
LNA_IN
10
Digital control logic pins
−0.5
4.25
V
VSWR
ANT voltage standing wave ratio
10:1
-
TJ
Maximum junction temperature
–40
125
°C
Tstg
Storage temperature
–55
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
5.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all pins(1)
±2000
V
Charged device model (CDM), per JEDEC specification JS-002, all pins(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCC_PA
PA supply voltage
3.1
3.3
4.25
V
VCC
VCC pin supply voltage
3.1
3.3
4.25
V
TA
Ambient operating air temperature
–40
25
85
°C
5.4 Thermal Information
THERMAL METRIC(1)
TRF2001
UNIT
VBA (WQFN-FCRLF)
28 PINS
RθJA
Junction-to-ambient thermal resistance
34.0
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
15.5
°C/W
RθJB
Junction-to-board thermal resistance
9.6
°C/W
ΨJT
Junction-to-top characterization parameter
0.1
°C/W
ΨJB
Junction-to-board characterization parameter
9.5
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
5.5
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
TRF2001
SLVSK83 – APRIL 2026
www.ti.com
4
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TRF2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com