Electronic Components Datasheet Search
  English  ▼

X  

TRF2001 Datasheet(PDF) 6 Page - Texas Instruments

Part # TRF2001
Description  TRF2001 860MHz to 930MHz ISM Band Multiprotocol and Wi-SUN RF FEM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TRF2001 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TRF2001 Datasheet HTML 2Page - Texas Instruments TRF2001 Datasheet HTML 3Page - Texas Instruments TRF2001 Datasheet HTML 4Page - Texas Instruments TRF2001 Datasheet HTML 5Page - Texas Instruments TRF2001 Datasheet HTML 6Page - Texas Instruments TRF2001 Datasheet HTML 7Page - Texas Instruments TRF2001 Datasheet HTML 8Page - Texas Instruments TRF2001 Datasheet HTML 9Page - Texas Instruments TRF2001 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
5.5 Electrical Characteristics (continued)
at TA = 25°C, VCC_PA = 3.3V, VCC = 3.3V, f = 915MHz, shorted RX_FLT and LNA_IN pins, shorted TX_FLT and PA_IN pins,
RF transmit specifications from TR to ANT pin, RF receive specifications from ANT to TR pin, 50Ω source and load at input
and output RF pins, respectively; measured on EVM and de-embedded up to the device pins (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RF RECEIVE
Frequency range
860
930
MHz
Receive small signal gain
PIN = –27dBm, f = 867MHz to 928MHz
15.9
dB
NF
Noise figure
f = 867MHz
3.1
dB
f = 915MHz
3.3
LNA_IN to TR,
f = 867MHz to 928MHz
1.3
ANT to RX_FLT insertion loss
PIN = –27dBm
1.7
dB
IIP3
Input 3rd order compression point
PIN = –27dBm
f = 867MHz
–5.4
dBm
f = 902MHz to 928MHz
–6.3
IP1dB
Input 1dB compression point
f = 867MHz, 902MHz
−7.1
dBm
f = 915MHz, 928MHz
−6.6
Input return loss at ANT
PIN = –27dBm
f = 867MHz
18.5
dB
f = 902MHz
15.5
f = 915MHz
14
f = 928MHz
12.5
Output return loss at TR
PIN = –27dBm
f = 867MHz to 915MHz
15.5
dB
f = 928MHz
14.5
TRF2001
SLVSK83 – APRIL 2026
www.ti.com
6
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: TRF2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com