Electronic Components Datasheet Search
  English  ▼

X  

TRF2001 Datasheet(PDF) 5 Page - Texas Instruments

Part # TRF2001
Description  TRF2001 860MHz to 930MHz ISM Band Multiprotocol and Wi-SUN RF FEM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TRF2001 Datasheet(HTML) 5 Page - Texas Instruments

  TRF2001 Datasheet HTML 1Page - Texas Instruments TRF2001 Datasheet HTML 2Page - Texas Instruments TRF2001 Datasheet HTML 3Page - Texas Instruments TRF2001 Datasheet HTML 4Page - Texas Instruments TRF2001 Datasheet HTML 5Page - Texas Instruments TRF2001 Datasheet HTML 6Page - Texas Instruments TRF2001 Datasheet HTML 7Page - Texas Instruments TRF2001 Datasheet HTML 8Page - Texas Instruments TRF2001 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
5.5 Electrical Characteristics
at TA = 25°C, VCC_PA = 3.3V, VCC = 3.3V, f = 915MHz, shorted RX_FLT and LNA_IN pins, shorted TX_FLT and PA_IN pins,
RF transmit specifications from TR to ANT pin, RF receive specifications from ANT to TR pin, 50Ω source and load at input
and output RF pins, respectively; measured on EVM and de-embedded up to the device pins (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RF TRANSMIT
Frequency range
860
930
MHz
GP
Transmit small signal gain
PIN = –25dBm
f = 867MHz
23.7
dB
f = 902MHz
23.4
f = 915MHz to 928MHz
23.1
PSAT
Saturated output power
f = 867MHz
27.8
dBm
f = 902MHz to 928MHz
28.0
VCC_PA = 3.6V,
VCC = 3.6V
f = 867MHz to 928MHz
28.6
OP1dB Output 1-dB compression point
f = 867MHz to 928MHz
26.5
dBm
VCC_PA = 3.6V,
VCC = 3.6V
f = 867MHz
26.4
f = 902MHz
26.8
f = 915MHz
27.6
f = 928MHz
26.9
PAE
Power added efficiency
PO = 27dBm
f = 867MHz
41.0%
f = 902MHz
39.5%
f = 915MHz, 928MHz
39.0%
HDx
Harmonic distortion(1)
f = 867MHz,
PO = 27dBm
2nd harmonic
−57.0
dBc
3rd harmonic
−64.5
f = 928MHz,
PO = 27dBm
2nd harmonic
−56.0
3rd harmonic
−68.0
Input return loss at TR
PIN = –27dBm, f = 867MHz to 928MHz
11
dB
Maximum input power at TR
f = 867MHz
VSWR = 1:1
16
dBm
VSWR = 2:1
16
VSWR = 4:1
7
f = 928MHz
VSWR = 1:1
16
VSWR = 2:1
11
VSWR = 4:1
6.5
Ruggedness
CW, PO into 50Ω load, VSWR = 10:1, without
permanent damage
27
dBm
POWER DETECTOR
Power detector power range
Power at ANT pin, f = 860MHz to 930MHz
5
PSAT
dBm
VDET
Power detector voltage range
0
1.8
V
www.ti.com
TRF2001
SLVSK83 – APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: TRF2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com