Electronic Components Datasheet Search
  English  ▼

X  

RC22504A Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # RC22504A
Description  FemtoClock®2 Sub-100fs Frequency Synthesizer
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC22504A Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button RC22504A Datasheet HTML 35Page - Renesas Technology Corp RC22504A Datasheet HTML 36Page - Renesas Technology Corp RC22504A Datasheet HTML 37Page - Renesas Technology Corp RC22504A Datasheet HTML 38Page - Renesas Technology Corp RC22504A Datasheet HTML 39Page - Renesas Technology Corp RC22504A Datasheet HTML 40Page - Renesas Technology Corp RC22504A Datasheet HTML 41Page - Renesas Technology Corp RC22504A Datasheet HTML 42Page - Renesas Technology Corp RC22504A Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 81 page
background image
RC22504A Datasheet
R31DS0043EU0112 Rev.1.12
Aug 1, 2025
Page 39
When reading, a configurable number of dummy bytes can be read before the requested data byte(s) as
controlled by the spi_dummy_en and spi_dummy_size register fields. When the SPI clock is faster than the
system clock frequency divided by 4, at least 1 dummy byte must be enabled. Writes do not use dummy bytes.
Figure 17. SPI Sequencing
Figure 17 shows the sequencing of address and data on the serial port. The R/W bit is high for read cycles and
low for write cycles. The read sequence is shown without dummy bytes (spi_dummy_en set to 0). If 1 dummy byte
were enabled, then the data bits labeled Data byte from Address provided would be zero, the data bits labeled
Data byte from Address + 1 would become Data byte from Address provided, and they would be followed by
another 8 bits containing Data byte from Address + 1.
SPI operation can be configured for the following settings through register fields:
• 1-byte (1B) or 2-byte (2B) offset addressing (ssi_addr_size) (see Figure 15)
• In 1B operation, the 16-bit register address is formed by using the 7 bits of address supplied in the SPI access
and taking the upper 9 bits from the page register. The page register is accessed using an Offset Address of
0x7C with a 4-byte burst access.
• In 2B operation, the 16-bit register address is formed by using the 15 bits of address supplied in the SPI access
and the upper 1-bit is fixed to b’0.
• Data sampling on falling or rising edge of SCLK (spi_clk_sel)
• Output (read) data positioning relative to active SCLK edge (spi_del_out)
Note: SPI burst mode operation is recommended to ensure data integrity of multi-byte registers. When accessing
a multi-byte register, all data bytes must be written or read in a single SPI burst access. Bursts can be of greater
length if desired but must not extend beyond the end of the register page. An internal address pointer is
incremented automatically as each data byte is written or read.
SPI timing is shown in Figure 4 and Table 17.
The SPI interface operating at 20MHz supports a DCO update rate of approximately 400k updates per second.
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
R/W
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
nCS
SCLK
SDI
(4-wire)
SDO
(4-wire)
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
R/W
nCS
SCLK
SDI
(4-wire)
SDO
(4-wire)
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
Hi-Z
SPI Read Sequence*
SPI Write Sequence*
XX (SDI unused while data being read)
A14-A7 are omitted in 7b SPI Addressing Mode
Data byte from Address provided
Data byte from Address + 1
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
A14-A7 are omitted in 7b SPI Addressing Mode
Data byte to Address provided
Data byte to Address + 1
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
R/W
SDIO
(3-wire)
D0
D1
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
D7
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
R/W
D7
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
R/W
SDIO
(3-wire)
D2
D3
D4
D5
D6
D7
D0
D1
D2
D3
D4
D5
D6
A14
A13
A12
A11
A10
A9
A8
A7
A6
A5
A4
A3
A2
A1
A0
R/W
D6
D5
D4
D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
SDIO Driven by Master
SDIO Driven by Slave
SDIO Driven by Master
* See the timing diagrams for exact timing relationships.
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com