Electronic Components Datasheet Search
  English  ▼

X  

RC22504A Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # RC22504A
Description  FemtoClock®2 Sub-100fs Frequency Synthesizer
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC22504A Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button RC22504A Datasheet HTML 9Page - Renesas Technology Corp RC22504A Datasheet HTML 10Page - Renesas Technology Corp RC22504A Datasheet HTML 11Page - Renesas Technology Corp RC22504A Datasheet HTML 12Page - Renesas Technology Corp RC22504A Datasheet HTML 13Page - Renesas Technology Corp RC22504A Datasheet HTML 14Page - Renesas Technology Corp RC22504A Datasheet HTML 15Page - Renesas Technology Corp RC22504A Datasheet HTML 16Page - Renesas Technology Corp RC22504A Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 81 page
background image
RC22504A Datasheet
R31DS0043EU0112 Rev.1.12
Aug 1, 2025
Page 13
3.3 Reference Clock Phase Jitter and Phase Noise
Figure 2. 156.25MHz Output Phase Noise - Integer Synthesizer Mode
Table 6. Output Phase Jitter Characteristics[1][2]
[1] VDDXO = VDDA = VDDOx = 1.8V ±5%, GND = 0V, TA = -40°C to 85°C.
[2] Electrical parameters are ensured over the specified ambient operating temperature range, which is established when the device
is mounted in a test socket with maintained transverse airflow greater than 500lfpm. The device meets specifications after
thermal equilibrium has been reached under these conditions.
Symbol
Parameter
Test Condition
Typical
Maximum
Unit
tjit()
Phase Jitter, RMS (Random)[3]
[3] Characterized using a Rohde and Schwarz SMA100A overdriving the XTAL Interface.
10kHz to 20MHz
78.125MHz
Crystal[4];
Synthesizer
Mode
[4] APLL at 10.625GHz to allow for outputting common ETH/FC frequencies.
106.25MHz
78
100
fs
125MHz
73
100
fs
156.25MHz
72
100
fs
212.5MHz
71
100
fs
312.5MHz
67
100
fs
tjit()
Phase Jitter, RMS (Random)[5]
[5] Characterized using a Rohde and Schwarz SMA100A overdriving the XTAL Interface.
10kHz to 20MHz
156.25MHz
Input[6];
Clock Generator
Mode
[6] Driven by output from ClockMatrix. APLL at 10GHz to allow for outputting common ETH frequencies.
125MHz
74
100
fs
156.25MHz
73
100
fs
312.5MHz
64
100
fs
SSB(100k)
Single Sideband
Phase Noise
100kHz
156.25MHz input,
Clock Generator Mode;
All outputs enabled at 156.25MHz
-148
-
dBc/Hz
SSB(1M)
1MHz
-153
-
dBc/Hz
SSB(10M)
10MHz
-165
-
dBc/Hz
SSB(30M)
≥30MHz
-167
-
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com