Electronic Components Datasheet Search
  English  ▼

X  

RC22504A Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RC22504A
Description  FemtoClock®2 Sub-100fs Frequency Synthesizer
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC22504A Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RC22504A Datasheet HTML 17Page - Renesas Technology Corp RC22504A Datasheet HTML 18Page - Renesas Technology Corp RC22504A Datasheet HTML 19Page - Renesas Technology Corp RC22504A Datasheet HTML 20Page - Renesas Technology Corp RC22504A Datasheet HTML 21Page - Renesas Technology Corp RC22504A Datasheet HTML 22Page - Renesas Technology Corp RC22504A Datasheet HTML 23Page - Renesas Technology Corp RC22504A Datasheet HTML 24Page - Renesas Technology Corp RC22504A Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 81 page
background image
RC22504A Datasheet
R31DS0043EU0112 Rev.1.12
Aug 1, 2025
Page 21
Figure 4. SPI Timing Diagram
Table 17. SPI Slave Timing
Parameter
Description
Minimum
Typical
Maximum
Unit
fMAX
Maximum operating frequency
-
-
20
MHz
tPWH
SCLK Pulse Width High
25
-
-
ns
tPWL
SCLK Pulse Width Low
25
-
-
ns
tSU1
nCS Setup Time to SCLK rising or falling edge
10
-
-
ns
tHD1
nCS Hold Time from SCLK rising or falling edge
10
-
-
ns
tSU2
SDIO Setup Time to SCLK rising or falling edge
10
-
-
ns
tHD2
SDIO Hold Time from SCLK rising or falling edge
10
-
-
ns
tD1
Read Data Valid Time from SCLK rising or falling edge with
no data delay added
4
5.6
-
ns
tD1d
Read Data Valid Time from SCLK rising or falling edge
including half period of SCLK delay added to data timing[1]
[1] Adding the extra half period of delay is a register programming option to emulate read data being clocked out on the opposite edge
of the SCLK to the write data.
tD1 + half
SCLK period
-
-
ns
tD2
SDIO Read Data Hi-Z Time from CS High[2]
[2] This is the time until the RC22504A releases the signal. Rise time to any specific voltage is dependent on pull-up resistor strength
and PCB trace loading.
-
10
-
ns
nCS
SCLK
SDI
SDIO (SPI_SDO_DELAY = 0)
Hi-Z
Hi-Z
spi_clk_sel = 0
nCS
SCLK
SDI
R/W
A(n)
A(n-1)
R/W
A(n)
A(n-1)
Write D(n)
Write D(n)
Hi-Z
Read D(n)
Read D(n)
Hi-Z
Hi-Z
Hi-Z
Hi-Z
Read D(n)
Read D(n)
A(0)
SDIO (SPI_SDO_DELAY = 1)
Write D(n-1)
spi_clk_sel = 1
SDIO (SPI_SDO_DELAY = 0)
SDIO (SPI_SDO_DELAY = 1)
A(0)
Write D(n-1)
Read D(0)
Read D(0)
Write D(0)
Read D(0)
Read D(0)
Wr D(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com