Electronic Components Datasheet Search
  English  ▼

X  

RC32504A Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # RC32504A
Description  FemtoClock®2 Sub-100fs Universal Frequency Translator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC32504A Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button RC32504A Datasheet HTML 35Page - Renesas Technology Corp RC32504A Datasheet HTML 36Page - Renesas Technology Corp RC32504A Datasheet HTML 37Page - Renesas Technology Corp RC32504A Datasheet HTML 38Page - Renesas Technology Corp RC32504A Datasheet HTML 39Page - Renesas Technology Corp RC32504A Datasheet HTML 40Page - Renesas Technology Corp RC32504A Datasheet HTML 41Page - Renesas Technology Corp RC32504A Datasheet HTML 42Page - Renesas Technology Corp RC32504A Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 100 page
background image
RC32504A Datasheet
R31DS0044EU0113 Rev.1.13
Aug 1, 2025
Page 39
The automatic reference selection can either be revertive or non-revertive which is set in register
dpll_revertive_en. In revertive mode, the reference clock that is qualified and of the highest priority is always
selected. In non-revertive mode, if there is a higher priority reference clock coming back from disqualified to
qualified, the current selected reference clock remains selected unless it gets disqualified.
6.6.3.3
Hitless Reference Switching
If hitless switching is enabled by setting register dpll_hitless_en to ‘1’, the output clock initial phase hit is
minimized (<200ps) during reference switching or the DPLL exiting from holdover, while the input clock and output
clock may no longer be aligned.
If hitless is disabled, the output clock phase change slope is determined by DPLL loop characteristics and phase
slope limit settings in register phase_slope_limit.
Hitless (<200ps) only can be met when the reference clocks are of same fractional frequency offset. If they are of
different fractional frequency offset (up to ±244ppm), the output clock phase tracks to the new reference clock.
Although the initial phase hit could be minimized by setting dpll_hitless_en to ‘1’, the total amount of output phase
change and the change slope depends on the fractional frequency offset difference, the loop characteristics, and
phase slope limit settings.
When dpll_hitless_en is set to one and enabled, the phase_offset register is ignored by the DPLL and only the
internally stored hitless offset affects the input-output phase offset. When dpll_hitless_en is set to zero and
disabled, the hitless phase offset stored in the hitless handler is reset to zero and the phase_offset register is
used again. Hitless switching minimizes the output phase movement at the expense of a defined input-output
phase offset while the use of the phase offset register enables a defined input-output phase offset at the expense
of output phase movement during reference switching. Defined input-output phase offset and minimizing output
phase movement are mutually exclusive.
6.6.4
Digital Loop Filter
The digital loop filter is a Proportional - Integrator (PI) type filter as shown in Figure 17. It is programmable to a
bandwidth of approximately 0.1Hz to 12kHz.
Figure 17. Loop Filter Block Diagram
The phase corrections are mainly done through the proportional path while the frequency offset is done in the
integrator. The phase input can come from the phase detector/decimator and an offset from CSR. The phase
value gets multiplied by a bandwidth factor. These are programmed in the normal_bw_mult and normal_bw_shift
reg
Write_freq from CSR
Phase from
decimator
phase offset
from CSR
+
+
+
bandwidth
damping
prop_int_term
Freq Offset
limiter
integrator
Prop(ortional)-term
shift
int_term
x
shift
x
Proportional_enable
Integrator _enable
integrator_mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com