Electronic Components Datasheet Search
  English  ▼

X  

RC32504A Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RC32504A
Description  FemtoClock®2 Sub-100fs Universal Frequency Translator
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC32504A Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RC32504A Datasheet HTML 17Page - Renesas Technology Corp RC32504A Datasheet HTML 18Page - Renesas Technology Corp RC32504A Datasheet HTML 19Page - Renesas Technology Corp RC32504A Datasheet HTML 20Page - Renesas Technology Corp RC32504A Datasheet HTML 21Page - Renesas Technology Corp RC32504A Datasheet HTML 22Page - Renesas Technology Corp RC32504A Datasheet HTML 23Page - Renesas Technology Corp RC32504A Datasheet HTML 24Page - Renesas Technology Corp RC32504A Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 100 page
background image
RC32504A Datasheet
R31DS0044EU0113 Rev.1.13
Aug 1, 2025
Page 21
Figure 4. I2C Slave Timing Diagram
[8] Refers to the output voltage (swing) setting programed into device registers for each output using the ODRV_AMP_CNFG
Register.out_cnf_hcsl_swing field for each output.
[9] Refers to the output voltage (amplitude) setting programed into device registers for each output using the ODRV_AMP_CNFG
Register.out_cnf_lvds_amp field for each output.
Table 14. LVCMOS Status and Control Signal DC Characteristics[1][2][3]
[1] 3.3V characteristics in accordance with JESD8C-01, 1.8V characteristics in accordance with JESD8-7A.
[2] GND = 0V, TA = -40°C to 85°C.
[3] Input specifications see signals SCL_SCLK, SDA_SDIO, OE_nCS. Output specifications see signals LOCK, SDA_SDIO (3-wire
SPI).
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum
Unit
VIH
Input High Voltage
VDDD = 3.3V ±5%
2
-
VDDD + 0.3
V
VDDD = 1.8V ±5%
0.65 × VDDD
-
VDDD + 0.3
VIL
Input Low Voltage
VDDD = 3.3V ±5%
-0.3
-
0.8
V
VDDD = 1.8V ±5%
-0.3
-
0.35 × VDDD
IIH
Input High Current
VIN = VDDD = VDDD (max)
-
-
5
µA
IIL
Input Low Current
VIN = 0V,
VDDD = VDDD (max)
-75
-
-
µA
VOH
Output High Voltage
VDDD = 3.3V ±5% or 1.8V ±5%
IOH = -100µA
VDDD - 0.2
-
-
V
(LOCK Signal Only)
VDDA = 1.8V ±5%
IOH = -100µA
VDDA - 0.2
-
-
V
VOL
Output Low Voltage
VDDD = 3.3V ±5% or 1.8V ±5%
VDDA = 1.8V ±5%
IOL = 100µA
-
-
0.2
V
s
tHD:STA
tLOW
tHIGH
tSU:STA
sr
tHD:STA
tSU:STO
tBUF
s
P
SCL
SDA
MSB
tSU:DAT
tHD:DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com