Electronic Components Datasheet Search
  English  ▼

X  

RC32508A Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # RC32508A
Description  FemtoClock 2 Jitter Attenuator and Clock Generator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC32508A Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button RC32508A Datasheet HTML 9Page - Renesas Technology Corp RC32508A Datasheet HTML 10Page - Renesas Technology Corp RC32508A Datasheet HTML 11Page - Renesas Technology Corp RC32508A Datasheet HTML 12Page - Renesas Technology Corp RC32508A Datasheet HTML 13Page - Renesas Technology Corp RC32508A Datasheet HTML 14Page - Renesas Technology Corp RC32508A Datasheet HTML 15Page - Renesas Technology Corp RC32508A Datasheet HTML 16Page - Renesas Technology Corp RC32508A Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
R31DS0136EU0102 Rev.1.02
Page 13
Dec 6, 2024
RC32508A Datasheet
1.11 Output Dividers
The RC32508A provides eight integer output dividers (IOD), and each of the two APLLs feeds into four output
dividers.
1.11.1 Integer Output Dividers
All eight IODs are identical and first four IODs derive the input clock from APLL0, and second four IODs derive the
input clock from APLL1. Each IOD provides output frequencies from 1MHz to 1GHz. Changing IOD values results
in an immediate change to the new frequency. Glitchless squelch and release of the IOD clock is supported.
1.12 Clock Outputs
The RC32508A supports up to 8 differential or 16 single-ended clock outputs or any combination of differential
and single-ended clock outputs. Each differential clock output can be programmed as two single-ended clock
outputs.
1.12.1 Output Buffer in Single-Ended Mode
When used as a single-ended output buffer, two copies of the same output clock are created with LVCMOS output
levels. Each clock will have the same frequency, phase, voltage, and current characteristics.
1.12.2 Output Buffer in Differential Mode
When used as a differential output buffer, the user can control the output voltage swing (VOVS) and common mode
voltage (VCMR) of the buffer that can be DC-coupled to HCSL input interface and AC-coupled to LVDS, LVPECL,
or CML input interfaces.
1.12.3 Output Enable Control
During the power-up sequence, the clock output drivers are powered down (OUTx-0/1 and nOUTx-0/1 are tri-
stated) until the power supplies have stabilized. Then the output drivers are powered up in the default disabled
state (OUTx-0/1 and nOUTx-0/1 are both held low).
After the OTP configuration load completes, the clock output drivers can be held disabled until the APLL and/or
DPLL locks:
▪ Clock output drivers are disabled until APLL lock asserts
▪ Clock output drivers are disabled until DPLL lock asserts
▪ Clock output drivers are enabled immediately
After startup, the clock output drivers are then user-controllable using output enable control.
1.13 OTP
The RC32508A supports four user-definable, non-volatile start-up configurations stored in an internal OTP (one-
time programmable) memory that covers the blocks related to DPLL, APLL0, four output dividers feeding OUT0-0,
OUT1-0, OUT2-0, OUT3-0. An additional four user-definable non-volatile start-up configurations stored in an
internal OTP memory that covers the blocks related to APLL1, four output dividers feeding OUT0-1, OUT1-1,
OUT2-1, OUT3-1. Each configuration can store values for all write-able configuration registers. The configuration
for DPLL, APLL0 and the four outputs fed by APLL0 is selected by the values of LOCK-0, OE_nCS-0, and latched
at power-up. The configuration for APLL1 and the four outputs fed by APLL1 is selected by the values of LOCK-1,
OE_nCS-1 and latched at power-up. The serial interfaces are inactive until all register values specified in the
selected configuration are written. The OTP contents can be locked to prevent further programming. The
RC32508A supports OTP read with a VDDD0/1 supply voltage of 1.8V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com