Electronic Components Datasheet Search
  English  ▼

X  

RC32508A Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # RC32508A
Description  FemtoClock 2 Jitter Attenuator and Clock Generator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC32508A Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button RC32508A Datasheet HTML 17Page - Renesas Technology Corp RC32508A Datasheet HTML 18Page - Renesas Technology Corp RC32508A Datasheet HTML 19Page - Renesas Technology Corp RC32508A Datasheet HTML 20Page - Renesas Technology Corp RC32508A Datasheet HTML 21Page - Renesas Technology Corp RC32508A Datasheet HTML 22Page - Renesas Technology Corp RC32508A Datasheet HTML 23Page - Renesas Technology Corp RC32508A Datasheet HTML 24Page - Renesas Technology Corp RC32508A Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
R31DS0136EU0102 Rev.1.02
Page 21
Dec 6, 2024
RC32508A Datasheet
fMON
Reference Monitor
Operating
Frequency
CLKMON0/1
-
-
33
MHz
CLKMON2
-
-
312.5
MHz
tstartup
Start-up Time [3]
Internal OTP
Start-up
Synthesizer mode
-
7
10
ms
1. VDDXO-0, VDDXO-1 = VDDD-0, VDDD-1 = VDDA-0, VDDA-1 = VDDOx-0, VDDOx-1 = 1.8V ±5%, GND = 0V, TA = -40°C to 85°C.
2. Electrical parameters are ensured over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500lfpm. The device meets specifications after thermal
equilibrium has been reached under these conditions.
3. Measured from when all power supplies have reached > 80% of nominal voltage to the first stable clock edge on the output. A stable
clock is defined as one generated from a locked analog or digital PLL (as appropriate for the configuration listed) with no further
perturbations in frequency expected.
Table 9. Output Frequency Characteristics [1][2]
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum
Unit
fOUT
Output
Frequency
Differential
Output
10
-
1000
MHz
LVCMOS
Output
10
-
180
MHz
tSK
Output to Output
Skew [3][4]
Differential [5]
Any two outputs between
OUTx-0
-
9
38
ps
Any two outputs between
OUTx-0 and OUTx-1
41
128
ps
LVCMOS [6]
Any two outputs between
OUTx-0
-
30
50
ps
Any two outputs between
OUTx-0 and OUTx-1
-
50
96
ps
ΔtSK
Temperature Variation [7] Output-
Output
On OUTx-0, OUTx-1
-
-
1
ps/°C
tPD
Input to Output Skew [8] Differential
[5] WRT CLKIN [9]
Delay for SYNTH mode on
OUTx-0, OUTx-1
0.73
1.14
1.55
ns
tPD
Input to Output Skew [10]
Differential [5] WRT CLKIN [11]
Delay for JA mode, integer
DPLL feedback on OUTx-0
0.65
1.08
1.52
ns
Delay for JA mode,
fractional DPLL feedback
on OUTx-0
0.72
1.09
1.47
ns
Delay for SYNTH mode on
OUTx-1
0.74
1.14
1.55
ns
ΔtPD
Input to Output Delay Variation
Differential [5]
Any mode on OUTx-0,
OUTx-1
-
-
255
ps
tR / tF
Output Rise and
Fall Times 20%
to 80%
Differential
Output [12]
HCSL Mode
-
-
160
ps
LVDS Mode
-
-
180
ps
LVCMOS
Output [13]
VDDOx =
1.8V ±5%
-
-
800
ps
Table 8. PLL Characteristics [1][2] (Cont.)
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com