Electronic Components Datasheet Search
  English  ▼

X  

RC32508A Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # RC32508A
Description  FemtoClock 2 Jitter Attenuator and Clock Generator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC32508A Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button RC32508A Datasheet HTML 19Page - Renesas Technology Corp RC32508A Datasheet HTML 20Page - Renesas Technology Corp RC32508A Datasheet HTML 21Page - Renesas Technology Corp RC32508A Datasheet HTML 22Page - Renesas Technology Corp RC32508A Datasheet HTML 23Page - Renesas Technology Corp RC32508A Datasheet HTML 24Page - Renesas Technology Corp RC32508A Datasheet HTML 25Page - Renesas Technology Corp RC32508A Datasheet HTML 26Page - Renesas Technology Corp RC32508A Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
R31DS0136EU0102 Rev.1.02
Page 23
Dec 6, 2024
RC32508A Datasheet
4.5
DC Electrical Characteristics
Table 11. Power Supply DC Characteristics – Supply Current [1][2][3]
1. Output current consumption is not affected by any of the core device power supply voltage levels.
2. Internal dynamic switching current at maximum fOUT is included.
Symbol
Parameter
Test Condition
Current Consumption
Unit
Typ
Max
IDDREF
Supply Current for VDDREF
[4]
1.8V LVCMOS input
16
30
mA
HCSL input
20
mA
LVDS input
22
mA
AC-coupled differential input
11
mA
IDDXO-0,
IDDXO-1
Supply Current for each
supply: VDDXO-0, VDDXO-1
VDDXO-0, VDDXO-1 = 1.89V
5.5
10
mA
IDDA-0,
IDDA-1
Supply Current for each
supply: VDDA-0, VDDA-1
VDDA-0, VDDA-1 = 1.89V
129
150
mA
IDDDD-0,
IDDD-1
Supply Current for each
supply: VDDD-0, VDDD-1
VDDD-0, VDDD-1 = 1.89V
25
30
mA
VDDD-0, VDDD-1 = 3.465V
26
mA
IDDOx-0,
IDDOx-1
[5]
Supply Current for each
supply: VDDOx-0, VDDOx-1
[6][7]
HCSL Mode
SWING = 200mV
31
50
mA
SWING = 250mV
32
mA
SWING = 300mV
33
mA
SWING = 350mV
34
mA
SWING = 400mV
35
mA
SWING = 450mV
36
mA
SWING = 500mV
37
mA
SWING = 550mV
39
mA
SWING = 600mV
40
mA
SWING = 650mV
41
mA
SWING = 700mV
42
mA
SWING = 750mV
43
mA
SWING = 800mV
44
mA
SWING = 850mV
45
mA
SWING = 875mV
45
mA
SWING = 900mV
46
mA
LVDS Mode
AMP = 350mV
30
40
mA
AMP = 400mV
31
mA
Output Disabled
28
50
mA
Output Hi-Z
26
30
mA
LVCMOS Mode
In phase
34
45
mA
Opposite phase
34
mA
nOUTx Disabled
31
40
mA
OUTx Disabled
31
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com