Electronic Components Datasheet Search
  English  ▼

X  

CP8056SS Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # CP8056SS
Description  EPROM/ROM-Based 8-Bit Microcontroller Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP8056SS Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CP8056SS Datasheet HTML 9Page - List of Unclassifed Manufacturers CP8056SS Datasheet HTML 10Page - List of Unclassifed Manufacturers CP8056SS Datasheet HTML 11Page - List of Unclassifed Manufacturers CP8056SS Datasheet HTML 12Page - List of Unclassifed Manufacturers CP8056SS Datasheet HTML 13Page - List of Unclassifed Manufacturers CP8056SS Datasheet HTML 14Page - List of Unclassifed Manufacturers CP8056SS Datasheet HTML 15Page - List of Unclassifed Manufacturers CP8056SS Datasheet HTML 16Page - List of Unclassifed Manufacturers CP8056SS Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
CHENGPIN
CP8056
P.13/
CP8056
/PHB7 : = 0, Enable the internal pull-high of IOB7 pin.
= 1, Disable the internal pull-high of IOB7 pin.
2.1.13 INTEN (Interrupt Mask Register)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
0Eh (r/w)
INTEN
GIE
-
-
-
-
INTIE
PBIE
T0IE
T0IE : Timer0 overflow interrupt enable bit.
= 0, Disable the Timer0 overflow interrupt.
= 1, Enable the Timer0 overflow interrupt.
PBIE : Port B input change interrupt enable bit.
= 0, Disable the Port B input change interrupt.
= 1, Enable the Port B input change interrupt .
INTIE : External INT pin interrupt enable bit.
= 0, Disable the External INT pin interrupt.
= 1, Enable the External INT pin interrupt.
Bit6:BIT3 : Not used. Read as “0”s.
GIE : Global interrupt enable bit.
= 0, Disable all interrupts. For wake-up from SLEEP mode through an interrupt event, the device will continue
execution at the instruction after the SLEEP instruction.
= 1, Enable all un-masked interrupts. For wake-up from SLEEP mode through an interrupt event, the device
will branch to the interrupt address (008h).
Note : When an interrupt event occur with the GIE bit and its corresponding interrupt enable bit are all set, the
GIE bit will be cleared by hardware to disable any further interrupts. The RETFIE instruction will exit the
interrupt routine and set the GIE bit to re-enable interrupt.
2.1.14 INTFLAG (Interrupt Status Register)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
0Fh (r/w)
INTFLAG
-
-
-
-
-
INTIF
PBIF
T0IF
T0IF : Timer0 overflow interrupt flag. Set when Timer0 overflows, reset by software.
PBIF : Port B input change interrupt flag. Set when Port B input changes, reset by software.
INTIF : External INT pin interrupt flag. Set by rising/falling (selected by INTEDG bit (OPTION<6>)) edge on INT pin,
reset by software.
Bit7:BIT3 : Not used. Read as “0”s.
2.1.15 ACC (Accumulator)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
N/A (r/w)
ACC
Accumulator
Accumulator is an internal data transfer, or instruction operand holding. It can not be addressed.
2.1.16 OPTION Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com