Electronic Components Datasheet Search
  English  ▼

X  

CP8056SS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CP8056SS
Description  EPROM/ROM-Based 8-Bit Microcontroller Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP8056SS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CP8056SS Datasheet HTML 1Page - List of Unclassifed Manufacturers CP8056SS Datasheet HTML 2Page - List of Unclassifed Manufacturers CP8056SS Datasheet HTML 3Page - List of Unclassifed Manufacturers CP8056SS Datasheet HTML 4Page - List of Unclassifed Manufacturers CP8056SS Datasheet HTML 5Page - List of Unclassifed Manufacturers CP8056SS Datasheet HTML 6Page - List of Unclassifed Manufacturers CP8056SS Datasheet HTML 7Page - List of Unclassifed Manufacturers CP8056SS Datasheet HTML 8Page - List of Unclassifed Manufacturers CP8056SS Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
CHENGPIN
CP8056
EPROM/ROM-Based 8-Bit Microcontroller Series
P.1/
CP8056
Devices Included in this Data Sheet:
•
CP8056P : EPROM devices
•
CP8056P : Mask ROM devices
FEATURES
•
Only 42 single word instructions
•
All instructions are single cycle except for program branches which are two-cycle
•
13-bit wide instructions
•
All ROM/EPROM area GOTO instruction
•
All ROM/EPROM area subroutine CALL instruction
•
8-bit wide data path
•
5-level deep hardware stack
•
Operating speed: DC-20 MHz clock input
DC-100 ns instruction cycle
Device
Pins #
I/O # EPROM/ROM (Byte) RAM (Byte)
CP8056
18
12
1K
49
•
Direct, indirect addressing modes for data accessing
•
8-bit real time clock/counter (Timer0) with 8-bit programmable prescaler
•
Internal Power-on Reset (POR)
•
Built-in Low Voltage Detector (LVD) for Brown-out Reset (BOR)
•
Power-up Reset Timer (PWRT) and Oscillator Start-up Timer(OST)
•
On chip Watchdog Timer (WDT) with internal oscillator for reliable operation and soft-ware watch-dog
enable/disable control
•
Two I/O ports IOA and IOB with independent direction control
•
Soft-ware I/O pull-high/pull-down or open-drain control
•
One internal interrupt source: Timer0 overflow; Two external interrupt source: INT pin, Port B input change
•
Wake-up from SLEEP by INT pin or Port B input change
•
Power saving SLEEP mode
•
Programmable Code Protection
•
Selectable oscillator options:
- RC: Resistor/Capacitor Oscillator
- XT: Crystal/Resonator Oscillator
- HF: High Frequency Crystal/Resonator Oscillator
- LF: Low Frequency Crystal Oscillator
•
Wide-operating voltage range:
- EPROM : 2.3V to 5.5V
- ROM : 2.3V to 5.5V


Similar Part No. - CP8056SS

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CP805-CXDM4060P CENTRAL-CP805-CXDM4060P Datasheet
358Kb / 3P
P-Channel MOSFET Die Enhancement-Mode
R1 17-February 2021
CP805-CXDM4060P-CT CENTRAL-CP805-CXDM4060P-CT Datasheet
959Kb / 6P
P-Channel MOSFET Die Enhancement-Mode
R1 28-March 2019
CP805-CXDM4060P-WN CENTRAL-CP805-CXDM4060P-WN Datasheet
959Kb / 6P
P-Channel MOSFET Die Enhancement-Mode
R1 28-March 2019
More results

Similar Description - CP8056SS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TLC156 ETC1-TLC156 Datasheet
552Kb / 50P
EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P51 ETC1-FM8P51 Datasheet
347Kb / 60P
EPROM/ROM-Based 8-Bit Microcontroller
CP80S54 ETC2-CP80S54 Datasheet
484Kb / 47P
EPROM/ROM-Based 8-Bit Microcontroller Series
FM8P54 ETC2-FM8P54 Datasheet
591Kb / 50P
EPROM/ROM-Based 8-Bit Microcontroller Series
logo
Microchip Technology
PIC16C57-XTP MICROCHIP-PIC16C57-XTP Datasheet
2Mb / 192P
EPROM/ROM-Based 8-bit CMOS Microcontroller Series
1997-2013
logo
Feeling Technology Corp...
FM8P51 FEELING-FM8P51 Datasheet
399Kb / 60P
EPROM/ROM-Based 8-Bit Microcontroller
FM8P59 FEELING-FM8P59 Datasheet
336Kb / 49P
EPROM/ROM-Based 8-Bit Microcontroller
FM8PE51 FEELING-FM8PE51 Datasheet
388Kb / 61P
EPROM/ROM-Based 8-Bit Microcontroller
FM8PE56 FEELING-FM8PE56 Datasheet
295Kb / 44P
EPROM/ROM-Based 8-Bit Microcontroller Series
FM8PE59 FEELING-FM8PE59 Datasheet
404Kb / 64P
EPROM/ROM-Based 8-Bit Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com