Electronic Components Datasheet Search
  English  ▼

X  

CP8056SS Datasheet(PDF) 39 Page - List of Unclassifed Manufacturers

Part # CP8056SS
Description  EPROM/ROM-Based 8-Bit Microcontroller Series
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CP8056SS Datasheet(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button CP8056SS Datasheet HTML 35Page - List of Unclassifed Manufacturers CP8056SS Datasheet HTML 36Page - List of Unclassifed Manufacturers CP8056SS Datasheet HTML 37Page - List of Unclassifed Manufacturers CP8056SS Datasheet HTML 38Page - List of Unclassifed Manufacturers CP8056SS Datasheet HTML 39Page - List of Unclassifed Manufacturers CP8056SS Datasheet HTML 40Page - List of Unclassifed Manufacturers CP8056SS Datasheet HTML 41Page - List of Unclassifed Manufacturers CP8056SS Datasheet HTML 42Page - List of Unclassifed Manufacturers CP8056SS Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
CHENGPIN
CP8056
P.39/
CP8056
LF mode, Vdd=5V, 4 clock instruction
2MHz
290
1MHz
208
500KHz
167
100KHz
118
IDD
Operating current
32KHz
101
uA
LF mode, Vdd=3V, 4 clock instruction
2MHz
105
1MHz
73
500KHz
54
100KHz
33
IDD
Operating current
32KHz
26
uA
LF mode, Vdd=5V, 2 clock instruction
2MHz
371
1MHz
269
500KHz
194
100KHz
130
IDD
Operating current
32KHz
108
uA
LF mode, Vdd=3V, 2 clock instruction
2MHz
158
1MHz
100
500KHz
67
100KHz
38
IDD
Operating current
32KHz
29
uA
RC mode, Vdd=5V, 4 clock instruction
R=1Kohm
F=14.96MHz
4.572
R=3.3Kohm
F=11.06MHz
1.845
R=10Kohm
F=5.80MHz
0.761
R=100Kohm F=808KHz
0.170
C=3P
R=300Kohm F=276KHz
0.119
R=1Kohm
F=11.7MHz
4.226
R=3.3Kohm
F=6.35MHz
1.519
R=10Kohm
F=2.73MHz
0.613
R=100Kohm F=320KHz
0.147
C=20P
R=300Kohm F=108KHz
0.109
R=1Kohm
F=5.23MHz
3.429
R=3.3Kohm
F=2.05MHz
1.163
R=10Kohm
F=748KHz
0.454
R=100Kohm F=80KHz
0.126
C=100P
R=300Kohm F=26.4KHz
0.100
R=1Kohm
F=2.5MHz
3.024
R=3.3Kohm
F=900KHz
1.021
R=10Kohm
F=316KHz
0.403
R=100Kohm F=32KHz
0.119
IDD
Operating current
C=300P
R=300Kohm F=10.67KHz
0.098
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com