Electronic Components Datasheet Search
  English  ▼

X  

TLHO4900 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLHO4900
Description  High Efficiency LED in ∅ 3 mm Clear Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHO4900 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLHO4900 Datasheet HTML 1Page - Vishay Siliconix TLHO4900 Datasheet HTML 2Page - Vishay Siliconix TLHO4900 Datasheet HTML 3Page - Vishay Siliconix TLHO4900 Datasheet HTML 4Page - Vishay Siliconix TLHO4900 Datasheet HTML 5Page - Vishay Siliconix TLHO4900 Datasheet HTML 6Page - Vishay Siliconix TLHO4900 Datasheet HTML 7Page - Vishay Siliconix TLHO4900 Datasheet HTML 8Page - Vishay Siliconix TLHO4900 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
VISHAY
TLHG / O / P / R / Y4900
Document Number 83009
Rev. 1.5, 31-Aug-04
Vishay Semiconductors
www.vishay.com
1
e2 Pb
Pb-free
19222
High Efficiency LED in
∅ 3 mm Clear Package
Description
The TLH.4900 series was developed for applications
where high light output is required.
It is housed in a 3 mm clear plastic package. The
small viewing angle of these devices provides a high
brightness.
All LEDs are categorized in luminous intensity
groups. The green and yellow LEDs are categorized
additionally in wavelength groups.
That allows users to assemble LEDs with uniform
appearance.
Features
• Choice of five bright colors
• Standard
∅ 3 mm (T-1) package
• Small mechanical tolerances
• Suitable for DC and high peak current
• Very small viewing angle
• Luminous intensity categorized
• Yellow and green color categorized
• Lead-free device
Applications
Status lights
OFF / ON indicator
Background illumination
Readout lights
Maintenance lights
Legend light
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
TLHR4900 , TLHO4900 , TLHY4900 , TLHP4900
Part
Color, Luminous Intensity
Angle of Half Intensity (±
ϕ)
Technology
TLHR4900
Red, IV > 6.3 mcd
16 °
GaAsP on GaP
TLHO4900
Soft orange, IV > 10 mcd
16 °
GaAsP on GaP
TLHY4900
Yellow, IV > 10 mcd
16 °
GaAsP on GaP
TLHG4900
Green, IV > 16 mcd
16 °
GaP on GaP
TLHP4900
Pure green, IV > 4 mcd
16 °
GaP on GaP
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
6V
DC Forward current
Tamb ≤ 60 °C
IF
30
mA
Surge forward current
tp ≤ 10 µsIFSM
1A
Power dissipation
Tamb ≤ 60 °C
PV
100
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 100
°C


Similar Part No. - TLHO4900

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLHO4900 VISHAY-TLHO4900 Datasheet
117Kb / 10P
High Efficiency LED in 3 mm Clear Package
04-Feb-99
More results

Similar Description - TLHO4900

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLDR4900 VISHAY-TLDR4900 Datasheet
74Kb / 5P
High Intensity LED in 3 mm Clear Package
04-Feb-99
TLHE4900 VISHAY-TLHE4900 Datasheet
71Kb / 5P
High Intensity LED in 3 mm Clear Package
04-Feb-99
TLHF4900 VISHAY-TLHF4900 Datasheet
71Kb / 5P
High Intensity LED in 3 mm Clear Package
04-Feb-99
TLHK4900 VISHAY-TLHK4900 Datasheet
70Kb / 5P
High Intensity LED in 3 mm Clear Package
04-Feb-99
TLHR4900 VISHAY-TLHR4900 Datasheet
117Kb / 10P
High Efficiency LED in 3 mm Clear Package
04-Feb-99
TLHE4900 VISHAY-TLHE4900_04 Datasheet
170Kb / 6P
High Intensity LED in ∅ 3 mm Clear Package
30-Aug-04
TLHE4900 VISHAY-TLHE4900_V01 Datasheet
111Kb / 5P
High Intensity LED in ∅ 3 mm Clear Package
20-Sep-07
TLHG4900 VISHAY-TLHG4900_V01 Datasheet
123Kb / 7P
High Efficiency LED in Ø 3 mm Clear Package
15-Sep-2021
TLHK4900 VISHAY-TLHK4900_V01 Datasheet
111Kb / 5P
High Intensity LED in ∅ 3 mm Clear Package
21-Sep-07
TLHY4900 VISHAY-TLHY4900_V02 Datasheet
123Kb / 7P
High Efficiency LED in Ø 3 mm Clear Package
15-Sep-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com