Electronic Components Datasheet Search
  English  ▼

X  

TLHO4900 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLHO4900
Description  High Efficiency LED in ∅ 3 mm Clear Package
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLHO4900 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLHO4900 Datasheet HTML 1Page - Vishay Siliconix TLHO4900 Datasheet HTML 2Page - Vishay Siliconix TLHO4900 Datasheet HTML 3Page - Vishay Siliconix TLHO4900 Datasheet HTML 4Page - Vishay Siliconix TLHO4900 Datasheet HTML 5Page - Vishay Siliconix TLHO4900 Datasheet HTML 6Page - Vishay Siliconix TLHO4900 Datasheet HTML 7Page - Vishay Siliconix TLHO4900 Datasheet HTML 8Page - Vishay Siliconix TLHO4900 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
VISHAY
TLHG / O / P / R / Y4900
Document Number 83009
Rev. 1.5, 31-Aug-04
Vishay Semiconductors
www.vishay.com
3
Green
TLHG4900
1) in one Packing Unit I
Vmin/IVmax ≤ 0.5
Pure green
TLHP4900
1) in one Packing Unit I
Vmin/IVmax ≤ 0.5
Typical Characteristics (Tamb = 25 °C unless otherwise specified)
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Luminous intensity 1)
IF = 10 mA
IV
16
37
mcd
Dominant wavelength
IF = 10 mA
λd
562
575
nm
Peak wavelength
IF = 10 mA
λp
565
nm
Angle of half intensity
IF = 10 mA
ϕ
± 16
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 µAVR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Luminous intensity 1)
IF = 10 mA
IV
413
mcd
Dominant wavelength
IF = 10 mA
λd
555
565
nm
Peak wavelength
IF = 10 mA
λp
555
nm
Angle of half intensity
IF = 10 mA
ϕ
± 16
deg
Forward voltage
IF = 20 mA
VF
2.4
3
V
Reverse voltage
IR = 10 µAVR
615
V
Junction capacitance
VR = 0, f = 1 MHz
Cj
50
pF
Figure 1. Power Dissipation vs. Ambient Temperature
100
80
60
40
0
25
50
75
100
125
Tamb - Ambient Temperature ( °C)
95 10904
20
0
Figure 2. Forward Current vs. Ambient Temperature for InGaN
0
10
20
30
40
60
95 10905
50
Tamb - Ambient Temperature ( °C)
100
80
60
40
20
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com