Electronic Components Datasheet Search
  English  ▼

X  

REF62XX Datasheet(PDF) 21 Page - Texas Instruments

Part # REF62XX
Description  REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF62XX Datasheet(HTML) 21 Page - Texas Instruments

Back Button REF62XX Datasheet HTML 17Page - Texas Instruments REF62XX Datasheet HTML 18Page - Texas Instruments REF62XX Datasheet HTML 19Page - Texas Instruments REF62XX Datasheet HTML 20Page - Texas Instruments REF62XX Datasheet HTML 21Page - Texas Instruments REF62XX Datasheet HTML 22Page - Texas Instruments REF62XX Datasheet HTML 23Page - Texas Instruments REF62XX Datasheet HTML 24Page - Texas Instruments REF62XX Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
5ppm/°C for both the voltage reference and the buffer combined, while operating at a typical quiescent current
of 820 µA. Figure 8-3 compares the output impedance of a regular voltage reference (REF20xx) and a voltage
reference with integrated ADC drive buffer (REF60xx). Figure 8-4 compares the burst-mode, reference-settling
performance of a regular voltage reference and the REF60xx.
Bandgap
Voltage
Reference
CFILT = 1 µF
CL = 47 µF
RESR = 5 PŸ
RFILT
Buffer
+
VIN
OUT_S
OUT_F
FILT
VIN
GND_S
GND_F
Power Supply
SS
REF60xx
RLIM = 120 NŸ
EN
GND
REF
+
VIN
R = 1 NŸ
RF = 5 Ÿ
CF = 10 nF
THS4521
AINP
AINN
ADS8881
Copyright © 2016, Texas Instruments Incorporated
R = 1 NŸ
R = 1 NŸ
R = 1 NŸ
RF = 5 Ÿ
Power Supply
Figure 8-2. REF60xx Driving REF Pin of ADS8881 SAR ADC
0.001
0.01
0.1
1
10
100
100
1k
10k
100k
1M
Frequency (Hz)
C063
REF20xx (C
L = 10 µF)
REF60xx (C
L = 10 µF)
Figure 8-3. Output Impedance Comparison
±4
±3
±2
±1
0
1
2
3
4
0
200
400
600
800
1000
Time (µs)
C042
Regular Voltage Reference Droop
REF60xx Droop
1LSB = 19.07µV, with ADS8881 at 1MSPS
Figure 8-4. Reference Droop Comparison
www.ti.com
REF60
SBOS708C – MAY 2016 – REVISED APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: REF60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com