Electronic Components Datasheet Search
  English  ▼

X  

REF62XX Datasheet(PDF) 28 Page - Texas Instruments

Part # REF62XX
Description  REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF62XX Datasheet(HTML) 28 Page - Texas Instruments

Back Button REF62XX Datasheet HTML 24Page - Texas Instruments REF62XX Datasheet HTML 25Page - Texas Instruments REF62XX Datasheet HTML 26Page - Texas Instruments REF62XX Datasheet HTML 27Page - Texas Instruments REF62XX Datasheet HTML 28Page - Texas Instruments REF62XX Datasheet HTML 29Page - Texas Instruments REF62XX Datasheet HTML 30Page - Texas Instruments REF62XX Datasheet HTML 31Page - Texas Instruments REF62XX Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
10 Device and Documentation Support
10.1 Documentation Support
10.1.1 Related Documentation
For related documentation see the following:
• Texas Instruments, ADS8881x 18-Bit, 1MSPS, Serial Interface, microPower, Miniature, True-Differential Input,
SAR Analog-to-Digital Converter Data Sheet datasheet
• Texas Instruments, ADS127L01 24-Bit, High-Speed, Wide-Bandwidth Analog-to-Digital Converter datasheet
• Texas Instruments, REF6025EVM-PDK User's Guide
• Texas Instruments, Voltage-Reference Impact on Total Harmonic Distortion marketing white paper
10.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
10.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
10.4 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
10.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
10.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
11 Revision History
Changes from Revision B (August 2016) to Revision C (April 2026)
Page
• Moved the REF6025, REF6030, REF6033, REF6041, REF6045, REF6050 devices to the REF60 product
folder on TI.com and updated the datasheet header..........................................................................................1
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Changed Device Information table to Package Information .............................................................................. 1
Changes from Revision A (June 2016) to Revision B (August 2016)
Page
• Changed the Description ................................................................................................................................... 1
• Changed the Description ................................................................................................................................... 1
• Changed the Device Comparison Table ............................................................................................................2
• Changed list of devices for output current in Recommended Operating Conditions .........................................4
• Changed load regulation max value for REF6050 at TA = –40°C to +125°C from 30 to 50...............................5
REF60
SBOS708C – MAY 2016 – REVISED APRIL 2026
www.ti.com
28
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: REF60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com