Electronic Components Datasheet Search
  English  ▼

X  

REF62XX Datasheet(PDF) 24 Page - Texas Instruments

Part # REF62XX
Description  REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF62XX Datasheet(HTML) 24 Page - Texas Instruments

Back Button REF62XX Datasheet HTML 20Page - Texas Instruments REF62XX Datasheet HTML 21Page - Texas Instruments REF62XX Datasheet HTML 22Page - Texas Instruments REF62XX Datasheet HTML 23Page - Texas Instruments REF62XX Datasheet HTML 24Page - Texas Instruments REF62XX Datasheet HTML 25Page - Texas Instruments REF62XX Datasheet HTML 26Page - Texas Instruments REF62XX Datasheet HTML 27Page - Texas Instruments REF62XX Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
9 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
9.1 Application Information
Many applications, such as event-triggered and multiplexed data-acquisition systems, require the very first
conversion of the ADC to have 18-bit or greater precision. These types of data acquisition systems capture
data in bursts, and are also called burst-mode, data-acquisition systems. Achieving 18-bit precision for the first
sample is very difficult using a conventional voltage reference because the voltage reference droop limits the
accuracy of the first few conversions. Furthermore, variable-sampling-rate systems require that the gain error of
the system does not vary with sampling rate. The primary objective of this design example is to demonstrate the
lowest distortion and noise, burst-mode data-acquisition block with low power consumption, using an 18-bit SAR
ADC operating at a throughput of 1MSPS, for a 1kHz, full-scale, pure sine-wave input.
9.2 Typical Application
Bandgap
Voltage
Reference
CFILT = 1 µF
CL = 47 µF
RESR = 5 PŸ
RFILT
Buffer
+
VIN
OUT_S
OUT_F
FILT
VIN
GND_S
GND_F
Power Supply
SS
REF60xx
RLIM = 120 NŸ
EN
GND
REF
+
VIN
R = 1 NŸ
RF = 5 Ÿ
CF = 10 nF
THS4521
AINP
AINN
ADS8881
Copyright © 2016, Texas Instruments Incorporated
R = 1 NŸ
R = 1 NŸ
R = 1 NŸ
RF = 5 Ÿ
Power Supply
Figure 9-1. 18-bit, 1MSPS, Burst-Mode Data Acquisition system
9.2.1 Design Requirements
1. Burst-mode support (see Section 7.3 for more details)
2. ENOB > 16 bits
3. THD < –120dB
4. Power consumption < 50mW
5. Throughput = 1MSPS
REF60
SBOS708C – MAY 2016 – REVISED APRIL 2026
www.ti.com
24
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: REF60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com