Electronic Components Datasheet Search
  English  ▼

X  

MSO22 Datasheet(PDF) 10 Page - TEKTRONIX, INC

Part # MSO22
Description  2 Series MSO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

MSO22 Datasheet(HTML) 10 Page - TEKTRONIX, INC

Back Button MSO22 Datasheet HTML 6Page - TEKTRONIX, INC MSO22 Datasheet HTML 7Page - TEKTRONIX, INC MSO22 Datasheet HTML 8Page - TEKTRONIX, INC MSO22 Datasheet HTML 9Page - TEKTRONIX, INC MSO22 Datasheet HTML 10Page - TEKTRONIX, INC MSO22 Datasheet HTML 11Page - TEKTRONIX, INC MSO22 Datasheet HTML 12Page - TEKTRONIX, INC MSO22 Datasheet HTML 13Page - TEKTRONIX, INC MSO22 Datasheet HTML 14Page - TEKTRONIX, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
Battery pack (optional)
Battery pack with two battery slots can be mounted on the back of the instrument.
The 2 Series MSO also supports an optional battery pack that provides
additional flexibility to perform measurements in areas where there is no AC
power available such as testing equipment in the field.
The battery pack has two battery slots and can support hot swapping of the
batteries during operation to extend run time on batteries.
The batteries are charged when the instrument is on AC power, or using an
external charger.
External battery charger
Accessories
In addition to the battery pack, several other accessories are available for the 2
Series MSO:
•
Install the instrument in a rack for production with the rackmount kit.
•
Carry the instrument into the field using the protective case bundle. The
bundle includes a carrying bag, protective rubber case, and kick stand.
•
Ship the instrument using the hard travel case.
The 100 mm x 100 mm standard VESA interface on the back of the instrument
is compatible with a wide variety of accessories.
MSO24 mounted on an off the shelf arm
Rackmount kit
2 Series MSO
tek.com 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com