Electronic Components Datasheet Search
  English  ▼

X  

MSO22 Datasheet(PDF) 21 Page - TEKTRONIX, INC

Part # MSO22
Description  2 Series MSO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

MSO22 Datasheet(HTML) 21 Page - TEKTRONIX, INC

Back Button MSO22 Datasheet HTML 17Page - TEKTRONIX, INC MSO22 Datasheet HTML 18Page - TEKTRONIX, INC MSO22 Datasheet HTML 19Page - TEKTRONIX, INC MSO22 Datasheet HTML 20Page - TEKTRONIX, INC MSO22 Datasheet HTML 21Page - TEKTRONIX, INC MSO22 Datasheet HTML 22Page - TEKTRONIX, INC MSO22 Datasheet HTML 23Page - TEKTRONIX, INC MSO22 Datasheet HTML 24Page - TEKTRONIX, INC MSO22 Datasheet HTML 25Page - TEKTRONIX, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
Power consumption
60 W (max)
Battery
Battery power
Requires Opt 2-BATPK or 2-BP battery pack, with 2 slots for batteries
Supports up to 2 TEKBAT-01 Li-Ion rechargeable batteries
Cell chemistry
Li-lon
Nominal capacity
6700 mAh
Voltage
14.52 VDC
Weight
450 g/1lb
Operating time, typical
Up to 4 hours single battery
Up to 8 hours dual batteries
Hot swappable
Physical characteristics
Dimensions
Instrument only
Height
210 mm (8.26 in)
Width
344 mm (13.54 in)
Depth
40.4 mm (1.59 in)
Instrument with battery pack
Height
210 mm (8.26 in)
Width
344 mm (13.54 in)
Depth
78 mm (3.07 in)
Weight
Instrument only
1.8 kg (4 lbs)
Instrument with battery pack
3.2 kg (7 lbs) – one battery
3.6 kg (8 lbs) – two batteries
Rackmount configuration
5U
Clearance requirements
The clearance requirement for adequate cooling is 13 mm (0.5 in) on the rear of the instrument along the bottom edge (inlet
vents) and top edge (exhaust vents).
2 Series MSO
tek.com 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com