Electronic Components Datasheet Search
  English  ▼

X  

MSO22 Datasheet(PDF) 14 Page - TEKTRONIX, INC

Part # MSO22
Description  2 Series MSO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEITHLEY [TEKTRONIX, INC]
Direct Link  https://www.tek.com/en/products/keithley
Logo KEITHLEY - TEKTRONIX, INC

MSO22 Datasheet(HTML) 14 Page - TEKTRONIX, INC

Back Button MSO22 Datasheet HTML 10Page - TEKTRONIX, INC MSO22 Datasheet HTML 11Page - TEKTRONIX, INC MSO22 Datasheet HTML 12Page - TEKTRONIX, INC MSO22 Datasheet HTML 13Page - TEKTRONIX, INC MSO22 Datasheet HTML 14Page - TEKTRONIX, INC MSO22 Datasheet HTML 15Page - TEKTRONIX, INC MSO22 Datasheet HTML 16Page - TEKTRONIX, INC MSO22 Datasheet HTML 17Page - TEKTRONIX, INC MSO22 Datasheet HTML 18Page - TEKTRONIX, INC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
Specifications
All specifications are typical unless noted otherwise. All specifications apply to all models unless noted otherwise.
Model overview
Specification
MSO22
MSO24
MSO22-EDU
MSO24-EDU
Analog channels
2
4
2
4
Analog channel bandwidth
70 MHz, 100 MHz, 200 MHz, 350 MHz, and 500 MHz
70 MHz, 100 MHz, and 200 MHz
500 MHz bandwidth guaranteed from 4 mV/div to 10 V/div.
Sample rate
1.25 GS/s All channel, 2.5 GS/s half channels Interleaved
Record length
10 M
Waveform Capture Rate,
typical
>4,000,000 wfms/s
Digital channels
16
AFG outputs
1 (multiplexed with Aux Out)
Processor system
Operating system
Closed Linux
Internal storage
100 MB of usable eMMC space
Vertical system analog channels
Bandwidth limits
(limited by instrument bw)
20 MHz, 70 MHz, 100 MHz, 200 MHz, 350 MHz, and 500 MHz
Input coupling
AC, DC
Input impedance
BNC
1 MΩ ± 1%, 14 pF ± 3 pF
TPP0200 probe tip
10 MΩ, < 12 pF
P6139B probe tip
10 MΩ, < 8 pF
Input sensitivity range
1 mV/div to 10 V/div
Vertical resolution
8 Bit
Maximum input voltage
300 Vrms CAT II with peaks < ±425 V
Derate at 20 dB/decade between 3 MHz to 30 MHz
Derate at 15.5 dB between 30 MHz to 300 MHz; above 300 MHz, 5 Vrms
DC gain accuracy
±3% derated at 0.10%/°C above 30 °C
Guaranteed, specification valid after 30 minute warm-up and Signal Path Compensation (SPC) at ambient.
2 Series MSO
tek.com 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com