Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 118 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 118 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 114Page - Texas Instruments DRA751ABC Datasheet HTML 115Page - Texas Instruments DRA751ABC Datasheet HTML 116Page - Texas Instruments DRA751ABC Datasheet HTML 117Page - Texas Instruments DRA751ABC Datasheet HTML 118Page - Texas Instruments DRA751ABC Datasheet HTML 119Page - Texas Instruments DRA751ABC Datasheet HTML 120Page - Texas Instruments DRA751ABC Datasheet HTML 121Page - Texas Instruments DRA751ABC Datasheet HTML 122Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 443 page
background image
118
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-15. McASP Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
mcasp2_fsr
McASP2 Receive Frame Sync
IO
A20
mcasp2_ahclkx
McASP2 Transmit High-Frequency Master Clock
O
E17
mcasp2_aclkx(1)
McASP2 Transmit Bit Clock
IO
A19
Multichannel Audio Serial Port 3
mcasp3_axr0
McASP3 Transmit/Receive Data
IO
B19
mcasp3_axr1
McASP3 Transmit/Receive Data
IO
C17
mcasp3_axr2
McASP3 Transmit/Receive Data
IO
C15
mcasp3_axr3
McASP3 Transmit/Receive Data
IO
A16
mcasp3_fsx
McASP3 Transmit Frame Sync
IO
F15
mcasp3_ahclkx
McASP3 Transmit High-Frequency Master Clock
O
B26
mcasp3_aclkx(1)
McASP3 Transmit Bit Clock
IO
B18
mcasp3_aclkr(1)
McASP3 Receive Bit Clock
IO
B18
mcasp3_fsr
McASP3 Receive Frame Sync
IO
F15
Multichannel Audio Serial Port 4
mcasp4_axr0
McASP4 Transmit/Receive Data
IO
G16
mcasp4_axr1
McASP4 Transmit/Receive Data
IO
D17
mcasp4_axr2
McASP4 Transmit/Receive Data
IO
E12
mcasp4_axr3
McASP4 Transmit/Receive Data
IO
F13
mcasp4_fsx
McASP4 Transmit Frame Sync
IO
A21
mcasp4_ahclkx
McASP4 Transmit High-Frequency Master Clock
O
C23
mcasp4_aclkx(1)
McASP4 Transmit Bit Clock
IO
C18
mcasp4_aclkr(1)
McASP4 Receive Bit Clock
IO
C18
mcasp4_fsr
McASP4 Receive Frame Sync
IO
A21
Multichannel Audio Serial Port 5
mcasp5_axr0
McASP5 Transmit/Receive Data
IO
AB3
mcasp5_axr1
McASP5 Transmit/Receive Data
IO
AA4
mcasp5_axr2
McASP5 Transmit/Receive Data
IO
C12
mcasp5_axr3
McASP5 Transmit/Receive Data
IO
D12
mcasp5_fsx
McASP5 Transmit Frame Sync
IO
AB9
mcasp5_ahclkx
McASP5 Transmit High-Frequency Master Clock
O
D18
mcasp5_aclkx(1)
McASP5 Transmit Bit Clock
IO
AA3
mcasp5_aclkr(1)
McASP5 Receive Bit Clock
IO
AA3
mcasp5_fsr
McASP5 Receive Frame Sync
IO
AB9
Multichannel Audio Serial Port 6
mcasp6_axr0
McASP6 Transmit/Receive Data
IO
B12
mcasp6_axr1
McASP6 Transmit/Receive Data
IO
A11
mcasp6_axr2
McASP6 Transmit/Receive Data
IO
G13
mcasp6_axr3
McASP6 Transmit/Receive Data
IO
J11
mcasp6_ahclkx
McASP6 Transmit High-Frequency Master Clock
O
E17
mcasp6_aclkx(1)
McASP6 Transmit Bit Clock
IO
B13
mcasp6_fsx
McASP6 Transmit Frame Sync
IO
A12
mcasp6_aclkr(1)
McASP6 Receive Bit Clock
IO
B13
mcasp6_fsr
McASP6 Receive Frame Sync
IO
A12
Multichannel Audio Serial Port 7
mcasp7_axr0
McASP7 Transmit/Receive Data
IO
E14
mcasp7_axr1
McASP7 Transmit/Receive Data
IO
A13
mcasp7_axr2
McASP7 Transmit/Receive Data
IO
B14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com