| Electronic Components Datasheet Search |
|
DRA751ABC Datasheet(PDF) 115 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
DRA751ABC Datasheet(HTML) 115 Page - Texas Instruments |
|
115 / 443 page ![]() 115 DRA756, DRA755, DRA754, DRA752 DRA751, DRA750, DRA746, DRA745, DRA744 www.ti.com SPRS950F – DECEMBER 2015 – REVISED MAY 2019 Submit Documentation Feedback Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744 Terminal Configuration and Functions Copyright © 2015–2019, Texas Instruments Incorporated Table 4-12. UART Signal Descriptions (continued) SIGNAL NAME DESCRIPTION TYPE BALL uart9_rxd UART9 Receive Data I G1/ AA3/ E25 uart9_txd UART9 Transmit Data O G6/ AB9/ C27 uart9_ctsn UART9 clear to send active low I F2 / AB3 uart9_rtsn UART9 request to send active low O F3/ AA4 Universal Asynchronous Receiver/Transmitter (UART10) uart10_rxd UART10 Receive Data I D1/ E21/ AC8/ D27 uart10_txd UART10 Transmit Data O E2/ F20/ AD6/ C28 uart10_ctsn UART10 clear to send active low I D2 / AB8 uart10_rtsn UART10 request to send active low O F4 / AB5 4.4.10 Multichannel Serial Peripheral Interface (McSPI) CAUTION The I/O timings provided in Section 7, Timing Requirements and Switching Characteristics are applicable for all combinations of signals for SPI1 and SPI2. However, the timings are valid only for SPI3 and SPI4 if signals within a single IOSET are used. The IOSETS are defined in the Table 7-45. NOTE For more information, see the Serial Communication Interface / Multichannel Serial Peripheral Interface (McSPI) section of the device TRM. Table 4-13. SPI Signal Descriptions SIGNAL NAME DESCRIPTION TYPE BALL Serial Peripheral Interface 1 spi1_sclk(1) SPI1 Clock IO A25 spi1_d1 SPI1 Data. Can be configured as either MISO or MOSI. IO F16 spi1_d0 SPI1 Data. Can be configured as either MISO or MOSI. IO B25 spi1_cs0 SPI1 Chip Select IO A24 spi1_cs1 SPI1 Chip Select IO A22 spi1_cs2 SPI1 Chip Select IO B21 spi1_cs3 SPI1 Chip Select IO B20 Serial Peripheral Interface 2 spi2_sclk(1) SPI2 Clock IO A26 spi2_d1 SPI2 Data. Can be configured as either MISO or MOSI. IO B22 spi2_d0 SPI2 Data. Can be configured as either MISO or MOSI. IO G17 spi2_cs0 SPI2 Chip Select IO B24 spi2_cs1 SPI2 Chip Select IO A22 spi2_cs2 SPI2 Chip Select IO B21 spi2_cs3 SPI2 Chip Select IO B20 Serial Peripheral Interface 3 spi3_sclk(1) SPI3 Clock IO AD9/ V2/ B12/ E11/ AC4/ C18 spi3_d1 SPI3 Data. Can be configured as either MISO or MOSI. IO AF9/ Y1/ B10/ A11/ A21/ AC7 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |