Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 112 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 112 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 108Page - Texas Instruments DRA751ABC Datasheet HTML 109Page - Texas Instruments DRA751ABC Datasheet HTML 110Page - Texas Instruments DRA751ABC Datasheet HTML 111Page - Texas Instruments DRA751ABC Datasheet HTML 112Page - Texas Instruments DRA751ABC Datasheet HTML 113Page - Texas Instruments DRA751ABC Datasheet HTML 114Page - Texas Instruments DRA751ABC Datasheet HTML 115Page - Texas Instruments DRA751ABC Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 443 page
background image
112
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-8. GPMC Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
gpmc_cs5
GPMC Chip Select 5 (active low)
O
M4
gpmc_cs6
GPMC Chip Select 6 (active low)
O
N1
gpmc_cs7
GPMC Chip Select 7 (active low)
O
P7
gpmc_clk(1)(2)
GPMC Clock output
IO
P7
gpmc_advn_ale
GPMC address valid active low or address latch enable
O
N1
gpmc_oen_ren
GPMC output enable active low or read enable
O
M5
gpmc_wen
GPMC write enable active low
O
M3
gpmc_ben0
GPMC lower-byte enable active low
O
N6
gpmc_ben1
GPMC upper-byte enable active low
O
M4
gpmc_wait0
GPMC external indication of wait 0
I
N2
gpmc_wait1
GPMC external indication of wait 1
I
P7 / N1
(1) This clock signal is implemented as 'pad loopback' inside the device - the output signal is looped back through the input buffer to serve
as the internal reference signal. Series termination is recommended (as close to device pin as possible) to improve signal integrity of the
clock input. Any nonmonotonicity in voltage that occurs at the pad loopback clock pin between VIH and VIL must be less than VHYS.
(2) The gpio6_16.clkout1 signal can be used as an “always-on” alternative to gpmc_clk provided that the external device can support the
associated timing. See Table 7-26 GPMC/NOR Flash Interface Switching Characteristics - Synchronous Mode - Default and Table 7-28
GPMC/NOR Flash Interface Switching Characteristics - Synchronous Mode - Alternate for timing information.
(3) The internal pull resistors for balls K7, M7, J5, K6, J4, J6, H4, H5 are permanently disabled when sysboot15 is set to 1 as described in
the section Sysboot Configuration of the Device TRM. If internal pull-up/down resistors are desired on these balls then sysboot15 should
be set to 0. If gpmc boot mode is used with SYSBOOT15=1 (not recommended) then external pull-downs should be implemented to
keep the address bus at logic-0 value during boot since the gpmc ms-address bits are high-z during boot.
4.4.6
Timers
NOTE
For more information, see the Timers section of the device TRM.
Table 4-9. Timers Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
timer1
PWM output/event trigger input
IO
M4 / E21
timer2
PWM output/event trigger input
IO
N6 / F20
timer3
PWM output/event trigger input
IO
N1 / F21
timer4
PWM output/event trigger input
IO
P7 / D12
timer5
PWM output/event trigger input
IO
U2 / B12
timer6
PWM output/event trigger input
IO
T2 / A11
timer7
PWM output/event trigger input
IO
R3 / B13
timer8
PWM output/event trigger input
IO
P4 / A12
timer9
PWM output/event trigger input
IO
P9 / E14
timer10
PWM output/event trigger input
IO
N9 / A13
timer11
PWM output/event trigger input
IO
R4 / G14
timer12
PWM output/event trigger input
IO
N7 / F14
timer13
PWM output/event trigger input
IO
D18 / AF8
timer14
PWM output/event trigger input
IO
E17 / AE9
timer15
PWM output/event trigger input
IO
B26/ AF9/ AC10
timer16
PWM output/event trigger input
IO
C23/ AD9/ AB10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com