Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 113 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 113 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 109Page - Texas Instruments DRA751ABC Datasheet HTML 110Page - Texas Instruments DRA751ABC Datasheet HTML 111Page - Texas Instruments DRA751ABC Datasheet HTML 112Page - Texas Instruments DRA751ABC Datasheet HTML 113Page - Texas Instruments DRA751ABC Datasheet HTML 114Page - Texas Instruments DRA751ABC Datasheet HTML 115Page - Texas Instruments DRA751ABC Datasheet HTML 116Page - Texas Instruments DRA751ABC Datasheet HTML 117Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 443 page
background image
113
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
4.4.7
Inter-Integrated Circuit Interface (I
2C)
NOTE
For more information, see the Serial Communication Interface / Multimaster High-Speed I2C
Controller / HS I2C Environment / HS I2C in I2C Mode section of the device TRM.
NOTE
I
2C1 and I2C2 do NOT support HS-mode.
Table 4-10. I2C Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Inter-Integrated Circuit Interface (I2C1)
i2c1_scl
I2C1 Clock
IOD
C20
i2c1_sda
I2C1 Data
IOD
C21
Inter-Integrated Circuit Interface (I2C2)
i2c2_scl
I2C2 Clock
IOD
F17
i2c2_sda
I2C2 Data
IOD
C25
Inter-Integrated Circuit Interface (I2C3)
i2c3_scl
I2C3 Clock
IOD
P7/ D14/ AB4/ F20
i2c3_sda
I2C3 Data
IOD
N1/ C14/ AC5/ E21
Inter-Integrated Circuit Interface (I2C4)
i2c4_scl
I2C4 Clock
IOD
R6/ J14/ A21/ Y9
i2c4_sda
I2C4 Data
IOD
T9/ B14/ C18/ W7
Inter-Integrated Circuit Interface (I2C5)
i2c5_scl
I2C5 Clock
IOD
AB9/ P6/ F12
i2c5_sda
I2C5 Data
IOD
AA3/ R9/ G12
4.4.8
HDQ / 1-Wire Interface (HDQ1W)
NOTE
For more information, see the Serial Communication Interface / HDQ/1-Wire section of the
device TRM.
Table 4-11. HDQ / 1-Wire Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
hdq0
HDQ or 1-wire protocol single interface pin
IOD
D18/ C23
4.4.9
Universal Asynchronous Receiver Transmitter (UART)
NOTE
For more information see the Serial Communication Interface /UART/IrDA/CIR section of the
device TRM.
Table 4-12. UART Signal Descriptions
SIGNAL NAME
DESCRIPTION
TYPE
BALL
Universal Asynchronous Receiver/Transmitter (UART1)
uart1_dcdn
UART1 Data Carrier Detect active low
I
D28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com