Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 114 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 114 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 110Page - Texas Instruments DRA751ABC Datasheet HTML 111Page - Texas Instruments DRA751ABC Datasheet HTML 112Page - Texas Instruments DRA751ABC Datasheet HTML 113Page - Texas Instruments DRA751ABC Datasheet HTML 114Page - Texas Instruments DRA751ABC Datasheet HTML 115Page - Texas Instruments DRA751ABC Datasheet HTML 116Page - Texas Instruments DRA751ABC Datasheet HTML 117Page - Texas Instruments DRA751ABC Datasheet HTML 118Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 443 page
background image
114
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-12. UART Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
uart1_dsrn
UART1 Data Set Ready Active Low
I
D26
uart1_dtrn
UART1 Data Terminal Ready Active Low
O
D27
uart1_rin
UART1 Ring Indicator
I
C28
uart1_rxd
UART1 Receive Data
I
B27
uart1_txd
UART1 Transmit Data
O
C26
uart1_ctsn
UART1 clear to send active low
I
E25
uart1_rtsn
UART1 request to send active low
O
C27
Universal Asynchronous Receiver/Transmitter (UART2)
uart2_rxd
UART2 Receive Data
I
D28
uart2_txd
UART2 Transmit Data
O
D26
uart2_ctsn
UART2 clear to send active low
I
D27
uart2_rtsn
UART2 request to send active low
O
C28
Universal Asynchronous Receiver/Transmitter (UART3)/IrDA
uart3_rxd
UART3 Receive Data for both normal UART mode and IrDA mode
I
V2/ AB3/ A26 / D27
uart3_txd
UART3 Transmit Data
O
Y1/ AA4/ B22/ C28
uart3_ctsn
UART3 clear to send active low
I
U4/ W9/ G17/ D28
uart3_rtsn
UART3 request to send active low
O
V1/ V9/ D28/ B24
uart3_rctx
Remote control data
O
D28
uart3_sd
Infrared transceiver configure/shutdown
O
D26
uart3_irtx
Infrared data output
O
C28
Universal Asynchronous Receiver/Transmitter (UART4)
uart4_rxd
UART4 Receive Data
I
V7/ G16/ B21
uart4_txd
UART4 Transmit Data
O
U7/ D17/ B20
uart4_ctsn
UART4 clear to send active low
I
V6
uart4_rtsn
UART4 request to send active low
O
U6
Universal Asynchronous Receiver/Transmitter (UART5)
uart5_rxd
UART5 Receive Data
I
R6/ F11/ B19/ AC7/
G17
uart5_txd
UART5 Transmit Data
O
T9/ G10/ C17/ AC6/
B24
uart5_ctsn
UART5 clear to send active low
I
T6 / AC9
uart5_rtsn
UART5 request to send active low
O
T7 / AC3
Universal Asynchronous Receiver/Transmitter (UART6)
uart6_rxd
UART6 Receive Data
I
P6/ E8/ G12/ W7
uart6_txd
UART6 Transmit Data
O
R9/ D9/ F12/ Y9
uart6_ctsn
UART6 clear to send active low
I
R5 / G13
uart6_rtsn
UART6 request to send active low
O
P5 / J11
Universal Asynchronous Receiver/Transmitter (UART7)
uart7_rxd
UART7 Receive Data
I
T6/ AD9/ B7/ B18
uart7_txd
UART7 Transmit Data
O
T7/ AF9/ B8/ F15
uart7_ctsn
UART7 clear to send active low
I
AE9 / B19
uart7_rtsn
UART7 request to send active low
O
AF8 / C17
Universal Asynchronous Receiver/Transmitter (UART8)
uart8_rxd
UART8 Receive Data
I
AE8/ R5/ C18/ G20
uart8_txd
UART8 Transmit Data
O
AD8/ P5/ A21/ G19
uart8_ctsn
UART8 clear to send active low
I
AG7 / G16
uart8_rtsn
UART8 request to send active low
O
AH6 / D17
Universal Asynchronous Receiver/Transmitter (UART9)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com